Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS615RAU22NMSZ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MS615RAU22NMSZ
Description  High-Reliability Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS615RAU22NMSZ Datasheet(HTML) 3 Page - Coilcraft lnc.

  MS615RAU22NMSZ Datasheet HTML 1Page - Coilcraft lnc. MS615RAU22NMSZ Datasheet HTML 2Page - Coilcraft lnc. MS615RAU22NMSZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AirCoreInductors–MS561RAU, MS615RAU, MS643RAU
Document ML893-3
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
AIR CORE INDUCTORS
Specifications subject to change without notice.
Please check our website for latest information.
Document MS893-3 Revised 06/27/12
561RAU
643RAU
615RAU
All dimensions are in inches.
mm
Enhanced crush resistant Packaging
MS561RAU23N
250/7
″ reel
MS561RAU46N
250/7
″ reel
MS561RAU79N
200/7
″ reel
MS561RAU111
175/7
″ reel
MS561RAU141
150/7
″ reel
Plastic tape: 24 mm wide, 16 mm pocket spacing
MS615RAU22N
450/13
″ reel
MS615RAU42N
400/13
″ reel
MS615RAU66N
350/13
″ reel
MS615RAU90N
300/13
″ reel
MS615RAU111
250/13
″ reel
Plastic tape: 24 mm wide, 20 mm pocket spacing
MS643RAU33N
500/13
″ reel
MS643RAU66N
450/13
″ reel
MS643RAU111
400/13
″ reel
MS643RAU151
350/13
″ reel
MS643RAU201
350/13
″ reel
MS643RAU251
250/13
″ reel
Plastic tape: 44 mm wide, 20 mm pocket spacing
0.069
1,75
Height
(See table)
0.100
2,54
0.375
9,53
0.311
7,91
0.394
10,0
max
Dash
number
0.394
10,0
max
0.336 ±0.01
8,55 ±0,25
Recommended
Land Pattern
0.004 / 0,10
Height
Part number
inches
mm
561RAU23N
0.142
3,60
561RAU46N
0.161
4,10
561RAU79N
0.189
4,80
561RAU111
0.220
5,60
561RAU141
0.240
6,10
XXX
X
Internal
code
0.453
11,5
max
0.472
12,0
max
0.357 ±0.040
9,07 ±1,02
Height
(See table)
0.10
2,54
0.004 / 0,10
0.130
3,30
0.355
9,02
0.348
8,84
Recommended
Land Pattern
Height
615RAU42N
0.299
7,60
615RAU66N
0.346
8,80
615RAU90N
0.409
10,4
615RAU111
0.445
11,3
Part number
inches mm
615RAU22N
0.260
6,60
Dash
number
XXX
X
Internal
code
0.770
19,56 max
0.535
13,60 max
Height
(See table)
0.004 / 0,10
0.10
2,54
0.13
3,30
0.10
2,54
0.515
16,08
0.150
3,81
0.410
10,41
0.290
7,37
0.160
4,06
0.185
4,70
0.643
16,33
0.205
5,21
Recommended
Land Pattern
Height
643RAU66N
0.279
7,09
643RAU111
0.327
8,31
643RAU151
0.362
9,19
643RAU201
0.409
10,4
643RAU251
0.449
11,4
Part number
inches mm
643RAU33N
0.236
5,99
XXX
X
Dash
number
Internal
code


Similar Part No. - MS615RAU22NMSZ

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MS6100 EXTECH-MS6100 Datasheet
154Kb / 2P
   2-Channel Digital Oscilloscopes
logo
Coilcraft lnc.
MS611PYA COILCRAFT-MS611PYA Datasheet
295Kb / 4P
   High Reliability Power Inductors
MS611PYA102MSZ COILCRAFT-MS611PYA102MSZ Datasheet
295Kb / 4P
   High Reliability Power Inductors
MS611PYA103MSZ COILCRAFT-MS611PYA103MSZ Datasheet
295Kb / 4P
   High Reliability Power Inductors
MS611PYA152MSZ COILCRAFT-MS611PYA152MSZ Datasheet
295Kb / 4P
   High Reliability Power Inductors
More results

Similar Description - MS615RAU22NMSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML350RAT COILCRAFT-ML350RAT Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML426RAT COILCRAFT-ML426RAT Datasheet
297Kb / 2P
   High-Reliability Air Core Inductors
MS350RAT COILCRAFT-MS350RAT Datasheet
537Kb / 2P
   High-Reliability Air Core Inductors
MS536RAT COILCRAFT-MS536RAT Datasheet
659Kb / 2P
   High-Reliability Air Core Inductors
MS439RAT COILCRAFT-MS439RAT Datasheet
560Kb / 2P
   High-Reliability Air Core Inductors
ML561_615_643RAU COILCRAFT-ML561_615_643RAU Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML439RAT COILCRAFT-ML439RAT Datasheet
533Kb / 2P
   High-Reliability Air Core Inductors
ML475RAT COILCRAFT-ML475RAT Datasheet
481Kb / 2P
   High-Reliability Air Core Inductors
ML536RAT COILCRAFT-ML536RAT Datasheet
654Kb / 2P
   High-Reliability Air Core Inductors
MS475RAT COILCRAFT-MS475RAT Datasheet
509Kb / 2P
   High-Reliability Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com