Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6928 Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AON6928
Description  30V Dual Asymmetric N-Channel AlphaMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6928 Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AON6928 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 9Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 10Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AON6928
Q2-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note H)
T
A=25°C
0
10
20
30
40
0
25
50
75
100
125
150
T
CASE
°
°
°
C)
Figure 12: Power De-rating (Note F)
0
10
20
30
40
0
25
50
75
100
125
150
T
CASE
°
°
°
C)
Figure 13: Current De-rating (Note F)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note H)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=60°C/W
Rev 0 : Nov. 2012
www.aosmd.com
Page 9 of 10


Similar Part No. - AON6928

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6922 AOSMD-AON6922 Datasheet
393Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
AON6924 AOSMD-AON6924 Datasheet
440Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON6928

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7934 AOSMD-AON7934 Datasheet
552Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6932A AOSMD-AON6932A Datasheet
566Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com