Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1021A Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1021A
Description  Low-Cost Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1021A Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1021A Datasheet HTML 3Page - Analog Devices ADM1021A Datasheet HTML 4Page - Analog Devices ADM1021A Datasheet HTML 5Page - Analog Devices ADM1021A Datasheet HTML 6Page - Analog Devices ADM1021A Datasheet HTML 7Page - Analog Devices ADM1021A Datasheet HTML 8Page - Analog Devices ADM1021A Datasheet HTML 9Page - Analog Devices ADM1021A Datasheet HTML 10Page - Analog Devices ADM1021A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM1021A
–7–
REV. D
Table III. List of ADM1021A Registers
READ Address (Hex)
WRITE Address (Hex)
Name
Power-On Default
Not Applicable
Not Applicable
Address Pointer
Undefined
00
Not Applicable
Local Temp. Value
1000 0000 (80h) (–128
°C)
01
Not Applicable
Remote Temp. Value
1000 0000 (80h) (–128
°C)
02
Not Applicable
Status
Undefined
03
09
Configuration
0000 0000 (00h)
04
0A
Conversion Rate
0000 0010 (02h)
05
0B
Local Temp. High Limit
0111 1111 (7Fh) (+127
°C)
06
0C
Local Temp. Low Limit
1100 1001 (C9h) (–55
°C)
07
0D
Remote Temp. High Limit
0111 1111 (7Fh) (+127
°C)
08
0E
Remote Temp. Low Limit
1100 1001 (C9h) (–55
°C)
Not Applicable
0F
1
One-Shot
10
Not Applicable
Reserved
Undefined
2
11
11
Reserved
Undefined
2
12
12
Reserved
Undefined
2
13
13
Reserved
Undefined
2
14
14
Reserved
Undefined
2
15
16
Reserved
Undefined
2
17
18
Reserved
Undefined
2
19
Not Applicable
Reserved
Undefined
2
20
21
Reserved
Undefined
2
FE
Not Applicable
Manufacturer Device ID
0100 0001 (41h)
FF
Not Applicable
Die Revision Code
0011 xxxx
(3xh)
NOTES
1Writing to address 0F causes the ADM1021A to perform a single measurement. It is not a data register as such and it does not matter what data is written to it.
2These registers are reserved for future versions of the device.
Table I. Temperature Data Format
Temperature
Digital Output
0
°C0 000 0000
1
°C0 000 0001
10
°C0 000 1010
25
°C0 001 1001
50
°C0 011 0010
75
°C0 100 1011
100
°C0 110 0100
125
°C0 111 1101
127
°C0 111 1111
REGISTERS
The ADM1021A contains nine registers that are used to store
the results of remote and local temperature measurements,
high and low temperature limits, and to configure and control
the device. A description of these registers follows, and further
details are given in Tables II to IV. It should be noted that the
ADM1021A’s registers are dual port, and have different addresses
for read and write operations. Attempting to write to a read address,
or to read from a write address, will produce an invalid result.
Register addresses above 0Fh are reserved for future use or used
for factory test purposes and should not be written to.
Address Pointer Register
The Address Pointer Register itself does not have, nor does it
require, an address, as it is the register to which the first data
byte of every write operation is written automatically. This data
byte is an address pointer that sets up one of the other registers
for the second byte of the write operation, or for a subsequent
read operation.
Value Registers
The ADM1021A has two registers to store the results of local
and remote temperature measurements. These registers are
written to by the ADC and can only be read over the SMBus.
Status Register
Bit 7 of the Status Register indicates when it is high that the
ADC is busy converting. Bits 5 to 3 are flags that indicate the
results of the limit comparisons.
If the local and/or remote temperature measurement is above the
corresponding high temperature limit or below the corresponding
low temperature limit, then one or more of these flags will be set.
Bit 2 is a flag that is set if the remote temperature sensor is open-
circuit. These five flags are NOR’d together, so that if any of them
is high, the
ALERT interrupt latch will be set and the ALERT
output will go low. Reading the Status Register will clear the five
flag bits, provided the error conditions that caused the flags to be
set have gone away. While a limit comparator is tripped due to a
value register containing an out-of-limit measurement, or the sen-
sor is open-circuit, the corresponding flag bit cannot be reset. A
flag bit can only be reset if the corresponding value register con-
tains an in-limit measurement, or the sensor is good.
Table II. Status Register Bit Assignments
Bit
Name
Function
7
BUSY
1 When ADC Converting
6
LHIGH
*
1 When Local High Temp Limit Tripped
5
LLOW
*
1 When Local Low Temp Limit Tripped
4
RHIGH
*
1 When Remote High Temp Limit Tripped
3
RLOW
*
1 When Remote Low Temp Limit Tripped
2
OPEN
*
1 When Remote Sensor Open-Circuit
1–0
Reserved
*These flags stay high until the status register is read or they are reset by POR.


Similar Part No. - ADM1021A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ ONSEMI-ADM1021AARQZ Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021AARQZ-R7 ONSEMI-ADM1021AARQZ-R7 Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
More results

Similar Description - ADM1021A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com