Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7403 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AON7403
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7403 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AON7403 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7403 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7403 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7403 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7403 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AON7403
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0
20
40
60
80
1
2
3
4
5
6
-VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
15
20
25
30
35
40
0
5
10
15
20
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage (Note E)
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
125°C
25°C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=-5V
ID=-5A
VGS=-10V
ID=-8A
10
20
30
40
50
2
4
6
8
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=-5V
VGS=-5V
VGS=-10V
ID=-8A
25°C
125°C
0
20
40
60
80
0
1
2
3
4
5
-VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=-4V
-4.5V
-10V
-6V
-8V
Rev 3: Jul. 2011
www.aosmd.com
Page 3 of 5


Similar Part No. - AON7403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7403 AOSMD-AON7403 Datasheet
189Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AON7403L AOSMD-AON7403L Datasheet
189Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON7403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com