Electronic Components Datasheet Search |
|
ST235RAA36N_LZ Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
ST235RAA36N_LZ Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page ® © Coilcraft, Inc. 2012 1102 Silver Lake Road Cary, IL 60013 Phone 800-981-0363 Fax 847-639-1508 Email cps@coilcraft.com www.coilcraft-cps.com This product may not be used in medical or high risk applications without prior Coilcraft approval. Specifications subject to change without notice. Please check our web site for latest information. ChipInductorsforCriticalApplicationsST235RAA 0402 CHIP INDUCTORS This 0402 size chip inductor series shares all of the characteristics of Coilcraft’s other ceramic inductors: ex- ceptionally high Q factors, especially at use frequencies; outstanding self-resonant frequency; tight inductance tolerance; and excellent batch-to-batch consistency. A B C D max max max ref E F G H I J 0.047 0.025 0.026 0.010 0.020 0.009 0.022 0.026 0.014 0.018 1,19 0,64 0,66 0,25 0,51 0,23 0,56 0,66 0,36 0,46 Core material Ceramic Ambient temperature –40°C to +125°C with Imax current, +125°C to +140°C with derated current Storage temperature Component: –55°C to +140°C. Tape and reel packaging: –55°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Packaging 2000 per 7 ″ reel Paper tape: 8 mm wide, 0.68 mm thick, 2 mm pocket spacing Current Derating Typical Q vs Frequency Typical L vs Frequency Note: Dimensions are before optional solder application. For maximum overall dimensions including solder, add 0.0025 in / 0,064 mm to B and 0.006 in / 0,15 mm to A and C. A B overall C D J F F G H E terminal Terminal wraparound: approx 0.007/0,18 both ends I I Suggested Land Pattern -40 -20 020406080 100 140 120 Ambient temperature (°C) 120 110 100 90 80 70 60 50 40 30 20 10 0 27 nH 19 nH 12 nH 5.6 nH 1 nH 0 5 10 15 20 25 30 110 100 1000 10000 Frequency (MHz) 0 60 50 40 30 20 10 70 80 90 100 110 120 110 100 1000 10000 Frequency (MHz) 12 nH 19 nH 5.6 nH 27 nH 1 nH Document ST198-1 Revised 10/25/12 |
Similar Part No. - ST235RAA36N_LZ |
|
Similar Description - ST235RAA36N_LZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |