Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7412 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON7412
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7412 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON7412 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7412 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7412 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7412 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7412 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7412 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AON7412
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
5
10
15
20
25
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 13: Power De-rating (Note F)
0
5
10
15
20
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 14: Current De-rating (Note F)
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
T
A=25°C
1
10
100
1
10
100
1000
Time in avalanche, t
A
µµµs)
Figure 12: Single Pulse Avalanche capability
(Note C)
T
A=25°C
T
A=150°C
T
A=100°C
T
A=125°C
40
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Figure 14: Current De-rating (Note F)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
RθJA=75°C/W
Rev 0: Nov. 2011
www.aosmd.com
Page 5 of 6


Similar Part No. - AON7412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7410 AOSMD-AON7410 Datasheet
201Kb / 6P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON7410 VBSEMI-AON7410 Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AON7410 DOINGTER-AON7410 Datasheet
597Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AON7414 AOSMD-AON7414 Datasheet
103Kb / 1P
   DFN 3X3 PACKAGE MARKING DESCRIPTION
AON7414L AOSMD-AON7414L Datasheet
103Kb / 1P
   DFN 3X3 PACKAGE MARKING DESCRIPTION
More results

Similar Description - AON7412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com