Electronic Components Datasheet Search |
|
ST312RAA9N5_LZ Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
ST312RAA9N5_LZ Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page ® © Coilcraft, Inc. 2012 1102 Silver Lake Road Cary, IL 60013 Phone 800-981-0363 Fax 847-639-1508 Email cps@coilcraft.com www.coilcraft-cps.com This product may not be used in medical or high risk applications without prior Coilcraft approval. Specifications subject to change without notice. Please check our web site for latest information. ChipInductorsforCriticalApplicationsST312RAA 0603 CHIP INDUCTORS Document ST195-1 Revised 11/06/12 Small size, exceptional Q and high SRFs make these inductors ideal for high frequency applications where size is at a premium. They also have excellent DCR and current carrying characteristics. Typical L vs Frequency Typical Q vs Frequency A B C D max max max ref E F G H I J 0.071 0.044 0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025 1,80 1,12 1,02 0,38 0,76 0,33 0,86 1,02 0,64 0,64 Current Derating Core material Ceramic Terminations Silver-palladium-platinum-glass frit. Other termina- tions available at additional cost. Ambient temperature –40°C to +125°C with Imax current, +125°C to +140°C with derated current Storage temperature Component: –55°C to +140°C. Tape and reel packaging: –55°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Packaging 2000 per 7 ″ reel Paper tape: 8 mm wide, 1.0 mm thick, 4 mm pocket spacing Note: Dimensions are before optional solder application. For maximum overall dimensions including solder, add 0.0025 in / 0,064 mm to B and 0.006 in / 0,15 mm to A and C. I I J H A B overall F G E terminal F C D Terminal wraparound: approx 0.007/0,18 both ends Suggested Land Pattern -40 -20 020406080 100 140 120 Ambient temperature (°C) 120 110 100 90 80 70 60 50 40 30 20 10 0 10 100 Frequency (MHz) 1000 10000 200 175 0 25 50 75 100 125 150 120 nH 68 nH 33 nH 3.9 nH 12 nH 120 nH 33 nH 3.9 nH 68 nH 12 nH 0 10 20 30 40 50 60 70 80 90 100 110 120 110 10000 100 1000 Frequency (MHz) |
Similar Part No. - ST312RAA9N5_LZ |
|
Similar Description - ST312RAA9N5_LZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |