Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST319RAD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST319RAD
Description  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST319RAD Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST319RAD Datasheet HTML 1Page - Coilcraft lnc. ST319RAD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
ChipInductors-0604SMSSeries(1610)
ChipInductorsforCriticalApplicationsST319RAD
0604 CHIP INDUCTORS
Document ST285-1 Revised 10/17/11
SRF
DCR
Inductance2
Percent
Q
900 MHz
1.7 GHz
min5
max6
Imax
Part number1
(nH)
tolerance3
min4
L typ
Q typ
L typ
Q typ
(GHz) (Ohms)
(A)
ST319RAD1N1JLZ
1.15
5
25
1.2
40
1.2
136
>5.0
0.021
3.0
ST319RAD2N6JLZ
2.6
5
45
2.6
78
2.6
163
>5.0
0.026
2.0
ST319RAD4N5JLZ
4.5
5
50
4.5
103
4.7
155
>5.0
0.032
1.8
ST319RAD5N0JLZ
5.0
5
60
4.9
106
5.2
178
>5.0
0.032
1.6
ST319RAD6N8JLZ
6.8
5
60
6.9
101
7.4
172
4.7
0.035
1.8
ST319RAD7N6JLZ
7.6
5
60
7.4
109
7.9
137
4.4
0.035
1.5
ST319RAD10NJLZ
10.4
5
60
10.6
103
11.5
160
4.1
0.037
1.5
1. When ordering, please specify
termination and testing codes:
ST319RAD10NJLZ
Termination: L =RoHS compliant silver-palladium-platinum glass frit.
Special order:
S =Tin-lead (63/37) over silver-palladium-platinum-glass
frit.
T =Tin-silver-copper (95.5/4/0.5) over silver-palladium-
platinum-glass frit.
R =Tin over nickel over silver-platinum-glass frit.
P =Tin-lead (63/37) over tin over nickel over silver-plati-
num-glass frit.
Q =Tin-silver-copper (95.5/4/0.5) over tin over nickel
over silver-platinum-glass frit.
Testing:
Z =COTS
H =Screening per Coilcraft CP-SA-10001
2. Inductance measured at 500 MHz using a Coilcraft SMD-A fixture in an
Agilent/HP 4286 impedance analyzer with Coilcraft-provided correlation
pieces.
3. Q measured at 500 MHz using an Agilent/HP 4291A with an Agilent/
HP 16193 test fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
5. DCR measured on a CambridgeTechnology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362“Soldering Surface Mount Components”before soldering.
Combines the exceptionally high Q of an air core inductor
with the rugged construction of a ceramic body component.
Inductance values: 1.15 nH – 10.4 nH
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit. Other terminations
available at additional cost.
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″reel; Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.27 mm pocket depth
Provides intermediate inductance values not available in
Coilcraft’s 0603, 0402 or 0906 product families


Similar Part No. - ST319RAD

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ST3100L CHENDA-ST3100L Datasheet
350Kb / 2P
   TRENCH SCHOTTKY RECTIFIER
logo
KOA Speer Electronics, ...
ST31050201FAX100BD KOA-ST31050201FAX100BD Datasheet
115Kb / 4P
   thermal sensors
ST31050201FAX100BF KOA-ST31050201FAX100BF Datasheet
115Kb / 4P
   thermal sensors
ST31050201FAX100BG KOA-ST31050201FAX100BG Datasheet
115Kb / 4P
   thermal sensors
ST31050201FAX100CD KOA-ST31050201FAX100CD Datasheet
115Kb / 4P
   thermal sensors
More results

Similar Description - ST319RAD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com