Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R9-60PS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN3R9-60PS
Description  N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R9-60PS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN3R9-60PS Datasheet HTML 2Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 3Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 4Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 5Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 6Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 7Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 8Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 9Page - NXP Semiconductors PSMN3R9-60PS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
PSMN3R9-60PS
N-channel 60 V, 3.9 mΩ standard level MOSFET in SOT78
PSMN3R9-60PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
1 February 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
QGD
gate-drain charge
-
33
-
nC
Ciss
input capacitance
-
5600
-
pF
Coss
output capacitance
-
740
-
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
460
-
pF
td(on)
turn-on delay time
-
25.3
-
ns
tr
rise time
-
41.4
-
ns
td(off)
turn-off delay time
-
62.7
-
ns
tf
fall time
VDS = 45 V; RL = 1.8 Ω; VGS = 10 V;
RG(ext) = 5 Ω
-
45
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.8
1.2
V
trr
reverse recovery time
-
39
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V
-
51
-
nC
003aah394
0
120
240
360
0
1
2
3
4
VDS(V)
ID
(A)
VGS(V) = 4.5
5
6
8
10
5.5
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aah395
0
5
10
15
0
5
10
15
20
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - PSMN3R9-60PS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN3R9-60PS ISC-PSMN3R9-60PS Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R9-60PS NEXPERIA-PSMN3R9-60PS Datasheet
732Kb / 13P
   N-channel 60 V, 3.9 mΩ standard level MOSFET in SOT
1 February 2013
logo
NXP Semiconductors
PSMN3R9-60PS PHILIPS-PSMN3R9-60PS_15 Datasheet
257Kb / 13P
   N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
1 February 2013
More results

Similar Description - PSMN3R9-60PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-60PS PHILIPS-PSMN3R9-60PS_15 Datasheet
257Kb / 13P
   N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
1 February 2013
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
   N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
PSMN2R6-60PS NXP-PSMN2R6-60PS Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
PSMN2R6-60PS PHILIPS-PSMN2R6-60PS_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
logo
Nexperia B.V. All right...
PSMN4R2-60PL NEXPERIA-PSMN4R2-60PL Datasheet
733Kb / 13P
   N-channel 60 V, 3.9 mΩ logic level MOSFET in SOT78
5 February 2013
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
PSMN3R3-60PL NXP-PSMN3R3-60PL Datasheet
263Kb / 13P
   N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
7 February 2013
logo
Nexperia B.V. All right...
PSMN3R8-100BS NEXPERIA-PSMN3R8-100BS Datasheet
987Kb / 14P
   N-channel 100 V 3.9 m廓 standard level MOSFET in D2PAK
PSMN2R6-60PS NEXPERIA-PSMN2R6-60PS Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
5 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com