Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST458RFW Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST458RFW
Description  WidebandTransformersforCriticalApplications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST458RFW Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST458RFW Datasheet HTML 1Page - Coilcraft lnc. ST458RFW Datasheet HTML 2Page - Coilcraft lnc. ST458RFW Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
WidebandTransformersforCriticalApplications
WidebandTransformers
Document ST424-1 Revised 03/09/12
Impedance
Insertion
Pins 1–3 (primary) Pins 4–6 (secondary)
DC
ratio2
Bandwidth
loss max
L min3
DCR max4 L min3 DCR max4 imbalance5
Part number1
Schem.
pri:sec
(MHz)
(dB)
(µH)
(mOhm)
(µH)
(mOhm)
max (mA)
ST458RFW01A1LZ
A
1
:1
0.400 – 600
0.40
10
120
10
120
ST458RFW01B1LZ
B
1
:1
0.250 – 750
0.58
9.5
75
9.5
75
36
ST458RFW02B1LZ
B
1
:2
0.200 – 500
0.50
10
120
20
150
8.5
ST458RFW03B1LZ
B
1
:3
0.300 – 900
0.60
9.0
100
27
150
8.5
ST458RFW04B1LZ
B
1
:4
0.250 – 750
1.0
9.0
55
36
120
30
ST458RFW04B2LZ
B
1
:4
1.500 – 1200
2.0
2.0
50
8.0
100
15
ST458RFW04B3LZ
B
1
:4
0.500 – 1000
0.90
5.0
80
20
120
10
ST458RFW04B4LZ
B
1
:4
0.300 – 700
0.65
9.0
80
36
200
7.5
ST458RFW08B1LZ
B
1
:8
0.150 – 600
0.60
22
120
176
310
17
ST458RFW09B1LZ
B
1
:9
0.300 – 500
0.54
9.0
80
81
230
5.0
ST458RFW16B1LZ
B
1
:16
0.600 – 300
0.80
5.0
80
80
230
5.0
ST458RFW04C1LZ
C
1
:4
0.250 – 800
1.0
9.0
60
36
120
30
6
4
3
1
PriSec
6
4
3
1
PriSec
6
5
5
4
3
2
1
PriSec
A
B
C
1. When ordering, please specify
termination and testing codes:
ST458RFW04C1LZ
Termination: L = Tin-silver-copper (95.5/4/0.5) over silver palladium-platinum-glass frit.
Special order: S = Tin-lead (63/37).
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Impedance ratio is for the full primary winding to the full secondary winding.
3. Inductance measured at 100 kHz, 0.1 V, 0 Adc on an Agilent/HP 4192 or equivalent.
4. DCR measured on a micro-ohmmeter.
5. DC imbalance is the maximum difference in current measured at pins 4 and 6 with the source at pin 5.
Inductance drop is 15% at maximum imbalance.
6. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Schematics
Core material Ferrite
Terminations Tin-silver-copper over silver-platinum-glass frit. Other
terminations available at additional cost.
Ambient temperature –40°C to +85°C
Storage temperature Component: –55°C to +85°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 750/7
″reel; 3000/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 2.9 mm pocket depth
Miniature wideband transformer: 4 mm square 3 mm high
300 V interwinding isolation, 1/4 Watt RF input power
250 mA max current rating


Similar Part No. - ST458RFW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST450-50L2MI VISHAY-ST450-50L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Solid States Devices, I...
ST4506 SSDI-ST4506 Datasheet
131Kb / 2P
   150 W Transient Voltage Suppressor
logo
Coilcraft lnc.
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
   Coupled Inductors for Critical Applications
ST450PHD102ML COILCRAFT-ST450PHD102ML Datasheet
383Kb / 2P
   Coupled Inductors for Critical Applications
ST450PHD103ML COILCRAFT-ST450PHD103ML Datasheet
383Kb / 2P
   Coupled Inductors for Critical Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com