Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D3 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # SAMA5D3
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D3 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button SAMA5D3 Datasheet HTML 4Page - ATMEL Corporation SAMA5D3 Datasheet HTML 5Page - ATMEL Corporation SAMA5D3 Datasheet HTML 6Page - ATMEL Corporation SAMA5D3 Datasheet HTML 7Page - ATMEL Corporation SAMA5D3 Datasheet HTML 8Page - ATMEL Corporation SAMA5D3 Datasheet HTML 9Page - ATMEL Corporation SAMA5D3 Datasheet HTML 10Page - ATMEL Corporation SAMA5D3 Datasheet HTML 11Page - ATMEL Corporation SAMA5D3 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
Pulse Width Modulation Controller- PWMC
PWMH[3..0]
PWM Waveform Output High
Output
PWML[3..0]
PWM Waveform Output LOW
Output
PWMFIx
PWM Fault Input
Input
USB Host High Speed Port - UHPHS
HHSDPA
USB Host Port A High Speed Data +
Analog
HHSDMA
USB Host Port A High Speed Data -
Analog
HHSDPB
USB Host Port B High Speed Data +
Analog
HHSDMB
USB Host Port B High Speed Data -
Analog
HHSDPC
USB Host Port C High Speed Data +
Analog
HHSDMC
USB Host Port C High Speed Data -
Analog
USB Device High Speed Port - UDPHS
DHSDP
USB Device High Speed Data +
Analog
DHSDM
USB Device High Speed Data -
Analog
GIgabit Ethernet 10/100/1000 - GMAC
GTXCK
Transmit Clock or Reference Clock
Input
G125CK
125 MHz input Clock
Input
G125CKO
125 MHz output Clock
Output
GTXEN
Transmit Enable
Output
GTX[7..0]
Transmit Data
Output
GTXER
Transmit Coding Error
Output
GRXCK
Receive Clock
Input
GRXDV
Receive Data Valid
Input
GRX[7..0]
Receive Data
Input
GRXER
Receive Error
Input
GCRS
Carrier Sense and Data Valid
Input
GCOL
Collision Detect
Input
GMDC
Management Data Clock
Output
GMDIO
Management Data Input/Output
I/O
RMII Ethernet 10/100 - EMAC
EREFCK
Transmit Clock or Reference Clock
Input
ETXEN
Transmit Enable
Output
ETX[1..0]
Transmit Data
Output
ECRSDV
Carrier Sense/Data Valid
Input
ERX[1..0]
Receive Data
Input
ERXER
Receive Error
Input
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Frequency
(MHz)
Comments


Similar Part No. - SAMA5D3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SAMA5D3 MICROCHIP-SAMA5D3 Datasheet
12Mb / 1818P
   Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
SAMA5D31 MICROCHIP-SAMA5D31 Datasheet
12Mb / 1818P
   Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
SAMA5D33 MICROCHIP-SAMA5D33 Datasheet
12Mb / 1818P
   Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
SAMA5D34 MICROCHIP-SAMA5D34 Datasheet
12Mb / 1818P
   Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
SAMA5D35 MICROCHIP-SAMA5D35 Datasheet
12Mb / 1818P
   Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
More results

Similar Description - SAMA5D3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SAMA5D3 MICROCHIP-SAMA5D3 Datasheet
12Mb / 1818P
   Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
logo
ATMEL Corporation
SAMA5D41 ATMEL-SAMA5D41_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
logo
Texas Instruments
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 227P
[Old version datasheet]   Hercules Microcontroller Based on the ARM짰 Cortex-R Core
logo
ATMEL Corporation
SAMA5D43 ATMEL-SAMA5D43_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
SAM9M10 ATMEL-SAM9M10_14 Datasheet
5Mb / 1385P
   Atmel | SMART ARM-based Embedded MPU
SAMA5D44 ATMEL-SAMA5D44_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46_14 Datasheet
5Mb / 1286P
   Atmel | SMART ARM-based Embedded MPU
SAMA5D42 ATMEL-SAMA5D42_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
SAM9M11 ATMEL-SAM9M11_14 Datasheet
6Mb / 1488P
   Atmel | SMART ARM-based Embedded MPU
AT91SAM9XE ATMEL-AT91SAM9XE_14 Datasheet
4Mb / 846P
   Atmel | SMART ARM-based Embedded MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com