Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST536RATR49_LZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST536RATR49_LZ
Description  Air Core Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST536RATR49_LZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST536RATR49_LZ Datasheet HTML 1Page - Coilcraft lnc. ST536RATR49_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document ST185-1 Revised 10/24/11
Inductance2
Percent
Q3
SRF min4
DCR max5
Imax
Part number1
Turns
(nH)
tolerance
min
(GHz)
(mOhm)
(A)
ST536RAT90N_LZ
9
90
5,2
95
1.140
15
3.5
ST536RATR11_LZ
10
111
5,2
87
1.020
15
3.5
ST536RATR13_LZ
11
130
5,2
87
0.900
20
3.0
ST536RATR17_LZ
12
169
5,2
95
0.875
25
3.0
ST536RATR21_LZ
13
206
5,2
95
0.800
30
3.0
ST536RATR22_LZ
14
222
5,2
92
0.730
35
3.0
ST536RATR25_LZ
15
246
5,2
95
0.685
35
3.0
ST536RATR31_LZ
16
307
5,2
95
0.660
35
3.0
ST536RATR38_LZ
17
380
5,2
95
0.590
50
2.5
ST536RATR42_LZ
18
422
5,2
95
0.540
60
2.5
ST536RATR49_LZ
19
491
5,2
95
0.535
65
2.0
ST536RATR54_LZ
20
538
5,2
87
0.490
90
2.0
AIR CORE INDUCTORS
1. When ordering, please specify
tolerance, termination and testing codes:
ST536RATR54GLZ
Tolerance:
G = 2% J = 5%
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) over copper or
S = non-RoHS tin-lead (63/37) over copper.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 50 MHz on an Agilent/HP 4286A or equivalent with a Coilcraft SMD-A test fixture and correlation.
3. Q measured at 50 MHz on an Agilent/HP 4291A or equivalent with a 16193A test fixture or equivalent.
4. SRF measured on an Agilent/HP 8753ES or equivalent with a Coilcraft CCF1268 test fixture.
5. DCR measured on a Keithley 580 Micro-Ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 800 per 13
″ reel Plastic tape: 24 mm wide,
0.3 mm thick, 12 mm pocket spacing, 6.1 mm pocket depth
AirCoreInductorsforCriticalApplications ST536RAT
Air core inductors feature higher Q, L and current ratings
Rigid package provides a flat surface for pick and place
Leads are locked in position for precise terminal spacing


Similar Part No. - ST536RATR49_LZ

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
ST5-10 SUPERWORLD-ST5-10 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST5-10B3 PULSE-ST5-10B3 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST5-10B3 PULSE-ST5-10B3 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST5-12 SUPERWORLD-ST5-12 Datasheet
110Kb / 1P
   POWER TRANSFORMER
ST5-120 SUPERWORLD-ST5-120 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - ST536RATR49_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST439RAT COILCRAFT-ST439RAT Datasheet
480Kb / 2P
   Air Core Inductors for Critical Applications
ST350RAT COILCRAFT-ST350RAT Datasheet
451Kb / 2P
   Air Core Inductors for Critical Applications
ST475RAT COILCRAFT-ST475RAT Datasheet
448Kb / 2P
   Air Core Inductors for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
   Air Core Inductor for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
   Coupled Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
   Coupled Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com