Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7462 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON7462
Description  300V,2.5A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7462 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON7462 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7462 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7462 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7462 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7462 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7462 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AON7462
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
0
25
50
75
100
125
150
TCASE (°C)
Figure 12: Power De-rating (Note B)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
TCASE (°C)
Figure 13: Current De-rating (Note B)
0
20
40
60
80
100
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note G)
TJ(Max)=150°C
TA=25°C
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note G)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=75°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
Rev 0: Feb 2011
www.aosmd.com
Page 5 of 6


Similar Part No. - AON7462

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7460 AOSMD-AON7460 Datasheet
512Kb / 6P
   300V,4A N-Channel MOSFET
AON7466 AOSMD-AON7466 Datasheet
333Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - AON7462

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com