Electronic Components Datasheet Search |
|
DBMX13W6PJA101 Datasheet(PDF) 3 Page - ITT Industries |
|
DBMX13W6PJA101 Datasheet(HTML) 3 Page - ITT Industries |
3 / 62 page C C-3 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change D Subminiature Selector Guide Series Wire Gauge Range AWG Mating Cycles RoHS confirm Layout Operating Voltage Current Rating (Amps) Contact Resistance Operating Temperature Mil Salt Spray Test Resistance in hours Shell Material Shell Finish Insulator Contact Type Contact Material Contact Finish Page Number D*MAM AWG 18 - 30 500 No 9, 15, 25, 37, 50, 15, 26, 44, 62, 78 (high density) 1700 VAC* 7,5 A max 10 milli Ohm max (Signal Contacts) -50°C/150°C 48 hours Steel RoHS - Tin/Nickel Yellow chromate over cadmium or zinc Thermoplastic, Type PCT UL 94V-0 Turned Copper Alloy 1,27 µm gold C-11 D- Subminiature D*MM AWG 18-30 500 No 9, 15, 25, 37, 50 1700 VAC* 7,5 A max 10 milli Ohm max -50°C/150°C 48 hours Steel RoHS - Tin/Nickel Yellow chromate over cadmium or zinc Thermoplastic, PCT UL 94V-0 Turned Copper Alloy 1,27 µm gold C-18 D*D AWG 20 - 24 500 No 9, 15, 25, 37, 50 1700 VAC 7,5 A max 10 milli Ohm max -50°C/150°C 48 hours Aluminum Yellow chromate over cadmium or zinc Thermoplastic, PCT UL 94V-0 Turned Copper Alloy 1,27 µm gold C-40 ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 3 |
Similar Part No. - DBMX13W6PJA101 |
|
Similar Description - DBMX13W6PJA101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |