Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5R0805CTTD101B Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # X5R0805CTTD101B
Description  ceramic chip capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R0805CTTD101B Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  X5R0805CTTD101B Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R0805CTTD101B Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R0805CTTD101B Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R0805CTTD101B Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R0805CTTD101B Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
226
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/05/11
NPO, X5R, X7R,Y5V
ceramic chip capacitors
.47pF~8.2pF=
C:±0.25pF
5.6pF~8.2pF=
D±0.5pF
10pF~
10000pF=
F:±1%,
G:±2%,J:±5%
K: ±10%
K: ±10%
Z: +80, -20%
Dielectric
Capacitance
Tolerance*
Voltage
Ratings
Dissipation
Factor
T.C.C.
Test Voltage
Operating
Temperature
Insulation
Resistance
applications and ratings
For Values
>30pF: 0.1%
max., ≤30pF:
Q = 400 + 20 x C
DF = 1/Q
C is in pF
0 ± 30 ppm/°C 1.0 ± 0.2 Vrms
-55°C
to
+125°C
+25°C 100,000MΩ min.
or 1000 MΩ - µF min.
whichever is less
NPO
Capacitance
Range
0.47pF -
1000µF
50V
100V
200V
6.3V =
7.5% max.
10V =
10% max.
±15% (0 VDC) 1.0 ± 0.2 Vrms
-55°C
to
+85°C
+25°C 100,000MΩ min.
or 500 MΩ - µF min.
whichever is less
X5R
0.068µF -
100µF
6.3V
10V
10V = 10% max.
16V = 3.5%
max.
25V, 50V,
100V = 2.5%
max.
±15% (0 VDC) 1.0 ± 0.2 Vrms
-55°C
to
+125°C
+25°C 100,000MΩ min.
or 1000 MΩ - µF min.
whichever is less
X7R
100pF -
4.7µF
10V
16V
25V
50V
100V
200V
16V & 25V
= 7.0%
50V = 5.0%
+22% to -82%
max.
1.0 ± 0.2 Vrms
-30°C
to
+85°C
+25°C 10,000MΩ min.
or 1000 MΩ - µF min.
whichever is less
Y5V
10000pF -
22µF
10V
16V
25V
50V
* Special tolerances available, please consult factory.
For complete environmental specifications, please refer to www.koaspeer.com
Capacitance values
pF
µF
Size
0402
0603
0805
1206
1210
X5R capacitance voltage availability
10
(A)
6.3
(K)
10
(A)
6.3
(K)
10
(A)
10
(A)
Capacitance tolerance available: ±10%
56000
0.056
563
68000
0.068
683
82000
0.082
823
100000
0.10
104
120000
0.12
124
150000
0.15
154
180000
0.18
184
220000
0.22
224
270000
0.27
274
330000
0.33
334
470000
0.47
474
560000
0.56
564
680000
0.68
684
820000
0.82
824
1000000
1.0
105
1200000
1.2
125
1500000
1.5
155
1800000
1.8
185
2200000
2.2
225
3300000
3.3
335
4700000
4.7
475
6800000
6.8
685
10000000
10
106
22000000
22
226
47000000
47
476
100000000
100
107


Similar Part No. - X5R0805CTTD101B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R0805CTTD101B KOA-X5R0805CTTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - X5R0805CTTD101B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com