Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7902 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON7902
Description  30V Dual Asymmetric N-Channel MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7902 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON7902 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AON7902
Q1-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
10.0
100.0
0.000001
0.00001
0.0001
0.001
Time in avalanche, tA (s)
Figure 12: Single Pulse Avalanche capability (Note
C)
0
5
10
15
20
0
25
50
75
100
125
150
TCASE (°C)
Figure 13: Power De-rating (Note F)
0
5
10
15
20
25
30
0
25
50
75
100
125
150
TCASE (°C)
Figure 14: Current De-rating (Note F)
TA=25°C
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
RθJA=72°C/W
Rev 0: Jan 2011
www.aosmd.com
Page 5 of 11


Similar Part No. - AON7902

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7900 AOSMD-AON7900 Datasheet
354Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON7902

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6912A AOSMD-AON6912A Datasheet
551Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com