Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT4N60 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOT4N60
Description  600V,4A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT4N60 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOT4N60_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT4N60_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT4N60_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT4N60_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT4N60_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT4N60_12 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOT4N60/AOTF4N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
0
5
10
15
20
25
30
V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=5.5V
6V
10V
6.5V
0.1
1
10
100
2
4
6
8
10
V
GS(Volts)
Figure 2: Transfer Characteristics
-55°C
V
DS=40V
25°C
125°C
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
7
8
9
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
V
GS=10V
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
I
D=2A
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0
2
4
6
8
0
5
10
15
20
25
30
V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=5.5V
6V
10V
6.5V
0.1
1
10
100
2
4
6
8
10
V
GS(Volts)
Figure 2: Transfer Characteristics
-55°C
V
DS=40V
25°C
125°C
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
7
8
9
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
V
GS=10V
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
I
D=2A
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
T
J (°C)
Figure 5:Break Down vs. Junction Temparature
Rev8: Feb 2012
www.aosmd.com
Page 3 of 6


Similar Part No. - AOT4N60_12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT4N60 VBSEMI-AOT4N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT4N60 ISC-AOT4N60 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT4N60_12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
   600V,4A N-Channel MOSFET
AOWF4N60 AOSMD-AOWF4N60 Datasheet
307Kb / 5P
   600V,4A N-Channel MOSFET
AOD4C60 AOSMD-AOD4C60 Datasheet
262Kb / 6P
   600V, 4A- N-Channel MOSFET
AOD4T60P AOSMD-AOD4T60P Datasheet
494Kb / 6P
   600V,4A N-Channel MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com