Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT7N60 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOT7N60
Description  600V,7A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT7N60 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOT7N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT7N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT7N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT7N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT7N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT7N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOT7N60/AOTF7N60
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
t off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
t
rr
AR
AR
Rev5: March 2010
www.aosmd.com
Page 6 of 6


Similar Part No. - AOT7N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
   600V, 7A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT7N60 VBSEMI-AOT7N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT7N60 ISC-AOT7N60 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT7N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
   600V, 7A N-Channel MOSFET
AOD7N60 AOSMD-AOD7N60 Datasheet
393Kb / 6P
   600V,7A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
7N60P LUGUANG-7N60P Datasheet
821Kb / 4P
   600V 7A N-Channel MOSFET
Revision:20170701-P1
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
logo
Unisonic Technologies
7N60A UTC-7N60A_11 Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDP7N60 MGCHIP-MDP7N60 Datasheet
983Kb / 6P
   N-Channel MOSFET 600V, 7A, 1.15(ohm)
MDF7N60 MGCHIP-MDF7N60 Datasheet
745Kb / 6P
   N-Channel MOSFET 600V, 7A, 1.15(ohm)
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
   7A 600V N CHANNEL ISOLATED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com