Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT9N40 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOT9N40
Description  400V,8A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT9N40 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOT9N40 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT9N40 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT9N40 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT9N40 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT9N40 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOT9N40
Symbol
Min
Typ
Max
Units
400
500
BVDSS
/∆TJ
0.4
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.4
4
4.5
V
RDS(ON)
0.64
0.8
gFS
8S
VSD
0.75
1
V
IS
Maximum Body-Diode Continuous Current
8
A
ISM
22
A
Ciss
500
630
760
pF
Coss
45
73
100
pF
Crss
2
5.7
9
pF
Rg
1.2
2.6
4.0
Qg
10
13.1
16
nC
Qgs
3.9
nC
Qgd
4.8
nC
tD(on)
17
ns
tr
52
ns
tD(off)
25
ns
tf
30
ns
trr
150
195
240
ns
Qrr
1.5
1.9
2.3
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Static Drain-Source On-Resistance
VGS=10V, ID=4A
Reverse Transfer Capacitance
IF=8A,dI/dt=100A/µs,VDS=100V
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=40V, ID=4A
Forward Transconductance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
Zero Gate Voltage Drain Current
VDS=400V, VGS=0V
Diode Forward Voltage
VDS=5V ID=250µA
VDS=320V, TJ=125°C
Turn-Off DelayTime
VGS=10V, VDS=200V, ID=8A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=320V, ID=8A
Gate Source Charge
Gate Drain Charge
BVDSS
Body Diode Reverse Recovery Charge IF=8A,dI/dt=100A/µs,VDS=100V
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
µA
VDS=0V, VGS=±30V
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T J(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal imped ance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, IAS=3.2A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev 0: Dec 2010
www.aosmd.com
Page 2 of 5


Similar Part No. - AOT9N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT9N40 ISC-AOT9N40 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT9N40

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD9N40 AOSMD-AOD9N40 Datasheet
266Kb / 6P
   400V,8A N-Channel MOSFET
logo
Unisonic Technologies
8N40 UTC-8N40 Datasheet
195Kb / 6P
   8A, 400V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com