Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF9N50 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOTF9N50
Description  500V, 9A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF9N50 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOTF9N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF9N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF9N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF9N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF9N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF9N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOT9N50/AOTF9N50
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
t off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
t
rr
AR
AR
Rev3: July 2010
www.aosmd.com
Page 6 of 6


Similar Part No. - AOTF9N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF9N50 ISC-AOTF9N50 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF9N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD9N50 AOSMD-AOD9N50 Datasheet
393Kb / 6P
   500V,9A N-Channel MOSFET
logo
Unisonic Technologies
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
   N-Channel MOSFET 500V, 9A, 0.85廓
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
   N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
Rohm
R5009FNJ ROHM-R5009FNJ Datasheet
3Mb / 14P
   Nch 500V 9A Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
9N50B YFWDIODE-9N50B Datasheet
765Kb / 5P
   9A 500V N-channel enhanced field effect transistor
logo
Alpha & Omega Semicondu...
AOTF9N90 AOSMD-AOTF9N90 Datasheet
301Kb / 5P
   900V, 9A N-Channel MOSFET
AOK9N90 AOSMD-AOK9N90 Datasheet
295Kb / 5P
   900V,9A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com