Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF10N65 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF10N65
Description  650V,10A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF10N65 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF10N65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF10N65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF10N65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF10N65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF10N65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF10N65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOT10N65/AOTF10N65
Symbol
Min
Typ
Max
Units
650
750
BVDSS
/∆TJ
0.75
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3
4
4.5
V
RDS(ON)
0.77
1
gFS
13
S
VSD
0.73
1
V
IS
Maximum Body-Diode Continuous Current
10
A
ISM
36
A
Ciss
1095
1369
1645
pF
Coss
95
118
145
pF
Crss
8
10
12
pF
Rg
1.7
3.5
5.5
Qg
22
27.7
33
nC
Qgs
6
7.4
9
nC
Qgd
9
11.3
14
nC
tD(on)
30
ns
tr
61
ns
tD(off)
74
ns
tf
53
ns
trr
255
320
385
ns
Qrr
4.8
6
7.2
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
µA
VDS=0V, VGS=±30V
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
BVDSS
Body Diode Reverse Recovery Charge IF=10A,dI/dt=100A/µs,VDS=100V
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=325V, ID=10A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=520V, ID=10A
Gate Source Charge
Gate Drain Charge
IDSS
Zero Gate Voltage Drain Current
VDS=650V, VGS=0V
Diode Forward Voltage
VDS=5V, ID=250µA
VDS=520V, TJ=125°C
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Static Drain-Source On-Resistance
VGS=10V, ID=5A
Reverse Transfer Capacitance
IF=10A,dI/dt=100A/µs,VDS=100V
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=40V, ID=5A
Forward Transconductance
A. The value of R θJA is measured with the device in a still air environment with TA =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial T
J
=25°C.
D. The R θJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, IAS=3.4A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev3: March 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AOTF10N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF10N65 ISC-AOTF10N65 Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF10N65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW10N65 AOSMD-AOW10N65 Datasheet
347Kb / 6P
   650V,10A N-Channel MOSFET
logo
Nanjing International G...
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
   10A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65 UTC-10N65 Datasheet
341Kb / 8P
   10A, 650V N-CHANNEL POWER MOSFET
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM10N65 AITSEMI-AM10N65 Datasheet
807Kb / 11P
   MOSFET 650V, 10A N-CHANNEL REV1.0 -
REV1.0 - JUN 2022
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
   N-Channel Power MOSFET (650V,10A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com