Electronic Components Datasheet Search |
|
HGN-365A01S-20-2M9S Datasheet(PDF) 1 Page - PowerDynamics, Inc |
|
HGN-365A01S-20-2M9S Datasheet(HTML) 1 Page - PowerDynamics, Inc |
1 / 3 page Specifications subject to change without notice. Dimensions (mm). See Appendix A for recommended power cord. See PDI full line catalog for detailed specifications on power cords. IEC 60320 INLET SOCKET WITH SINGLE OR DOUBLE FUSE HOLDER, SNAP-IN OR FLANGE MOUNT HGN-365A MECHANICAL DIMENSIONS FEATURES The HGN-365A filter series offers a wide variety of options with a current rating up to 10A, 250VAC. This power entry module offers industry standard 5 x 20mm fuse/s with IEC connector. This series offers an option of having a single or double fuse in the same package. These filters are also used for health care equipment and offer extremely low leakage current to comply with UL544 & 2602. A Ground Choke can be added to enhance the grounding ability of the circuit. A bleeder resistor can also be added to prevent excessive voltages from developing across the filter capacitors when there is no load. APPLICATIONS Computer & networking equipment, Measuring & control equipment, Data processing equipment, laboratory instruments, Switching power supplies, other electronic equipment. TECHNICAL DATA • Rated Voltage: 115/250VAC • Rated Current: 1A, 2A, 3A, 4A, 6A, 8A, 10A • Power Line Frequency: 50/60Hz • Max. Leakage Current each Line to Ground: @ 115VAC 60Hz: 0.5mA @ 250VAC 50Hz: 1.0mA @ 115VAC 60Hz: 2µA* @ 250VAC 50Hz: 5µA* • Hipot Rating (one minute) Line to Ground: 2250VDC Line to Line: 1450VDC • Temperature Range: -25C to +85C * Medical application Panel Thickness 1mm to 1.6mm (Unit: mm) Use only with a 250V Fuse 31.0 33.0 35.0 30.8 28.3 33.0 36.0 44.0 28.3 31.0 2x 3.6 2x 6 Use only with a 250V Fuse 28.5 32.3 SUGGESTED PANEL CUTOUT (MOUNTING FROM FRONT) THICKNESS OF PANEL IS FROM 1.00mm to 1.6mm 27.8 6.3 (58.4) 48.5 42.6 31.0 RECOMMENDED PANEL CUTOUT (MOUNTING FROM FRONT) 2x 3.6 36.0 28.0 Max 32.4 Typ. 27.8 6.3 (58.4) 48.5 42.6 31.0 SNAP-IN FLANGE MOUNT 70 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: filtersales@powerdynamics.com • www.powerdynamics.com |
Similar Part No. - HGN-365A01S-20-2M9S |
|
Similar Description - HGN-365A01S-20-2M9S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |