Selected language     English  ▼


ADM211 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADM211
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 11 page
background image
ADM205–ADM211/ADM213
REV. 0
–11–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Plastic DIP (N-24)
PIN 1
0.260
± 0.001
(6.61
± 0.03)
24
1
13
12
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
15
°
0
0.02 (0.5)
0.016 (0.41)
0.130 (3.30)
0.128 (3.25)
0.07 (1.78)
0.05 (1.27)
SEATING
PLANE
1.228 (31.19)
1.226 (31.14)
0.11 (2.79)
0.09 (2.28)
NOTES
1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
2. PLASTIC LEADS WILL BE EITHER SOLDER DIPPED OR TIN PLATED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Cerdip (Q-24)
PIN 1
1
24
12
13
1
24
12
13
0.295 (7.493)
MAX
0.225
(5.715)
MAX
0.125
(3.175)
MIN
0.070 (1.778)
0.020 (0.508)
0.180
(4.572)
MAX
SEATING
PLANE
1.290 (32.77) MAX
0.021 (0.533)
0.015 (0.381)
TYP
0.065 (1.651)
0.055 (1.397)
TYP
0.110 (2.794)
0.090 (2.286)
TYP
0.320 (8.128)
0.290 (7.366)
15
°
0
°
0.012 (0.305)
0.008 (0.203)
TYP
1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH.
2. CERDIP LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Plastic DIP (N-24A)
PIN 1
0.55 (13.97)
0.53 (13.47)
24
1
13
12
0.606 (15.4)
0.594 (15.09)
0.012 (0.305)
0.008 (0.203)
15
°
0
°
0.16 (4.07)
0.14 (3.56)
0.2
(5.08)
MAX
0.065 (1.66)
0.045 (1.15)
0.105 (2.67)
0.095 (2.42)
1.25 (31.75)
1.24 (31.5)
0.02 (0.508)
0.015 (0.381)
0.175 (4.45)
0.12 (3.05)
SEATING
PLANE
28-Lead SOIC (R-28)
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.447)
6
°
0
°
0.03 (0.76)
0.02 (0.51)
PIN 1
0.299 (7.6)
0.291 (7.39)
0.414 (10.52)
0.398 (10.10)
13
12
1
24
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS
0.019 (0.49)
0.014 (0.35)
0.05 (1.27)
BSC
0.096 (2.44)
0.089 (2.26)
0.608 (15.45)
0.596 (15.13)
0.01 (0.254)
0.006 (0.15)
28-Lead SSOP (RS-28)
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS
0.009 (0.229)
0.005 (0.127)
0.037 (0.94)
0.022 (0.559)
8
°
0
°
0.0256 (0.65)
BSC
0.07 (1.78)
0.066 (1.67)
0.328 (8.33)
0.318 (8.08)
0.008 (0.203)
0.002 (0.050)
PIN 1
0.311 (7.9)
0.301 (7.64)
0.212 (5.38)
0.205 (5.207)
1
24
13
12




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADM223+5 V Powered CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM202High Speed +5 V 0.1 uF CMOS RS-232 Driver/Receivers 1 2 3 4 5 MoreAnalog Devices
AD230+5 V Powered CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM222High Speed +5 V 0.1 uF CMOS RS-232 Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ST2325V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
HIN230+5V Powered RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ST232AVERY HIGHSPEED ULTRA LOWPOWERCONSUMPTION 5V POWERED RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
ICL232+5V Powered Dual RS-232 Transmitter/Receiver 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl