Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB150R-T110-S24 Datasheet(PDF) 3 Page - CUI INC

Part # VHB150R-T110-S24
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150R-T110-S24 Datasheet(HTML) 3 Page - CUI INC

  VHB150R-T110-S24 Datasheet HTML 1Page - CUI INC VHB150R-T110-S24 Datasheet HTML 2Page - CUI INC VHB150R-T110-S24 Datasheet HTML 3Page - CUI INC VHB150R-T110-S24 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VHB150R │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2013
│ page 3 of 4
BOTTOM VIEW
M3*0.5 Through 4pl.
Mounting Inserts
2
3
45
1
6
7
9
8
1.900
[48.30]
[12.7]
2.28
[57.9]
0.50
[4.6]
0.18 min
MECHANICAL DRAWING
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
case operating temperature
-40
100
°C
storage temperature
-55
105
°C
humidity
non-condensing
95
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.28 x 2.40 x 0.5 (57.9 x 61.0 x 12.7 mm)
inch
case material
aluminum baseplate with plastic case
weight
90
g
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
On/Off
3
CASE
4
-Vin
5
-Vo
6
-S
7
TRIM
8
+S
9
+Vo
units: inches [mm]
tolerance: x.xx ± 0.2inches [±0.5mm]
x.xxx ± 0.1inches [±0.25mm]


Similar Part No. - VHB150R-T110-S24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB150 CUI-VHB150 Datasheet
526Kb / 4P
   Half Brick DC-DC Converter
VHB150-D48-S12 CUI-VHB150-D48-S12 Datasheet
526Kb / 4P
   Half Brick DC-DC Converter
VHB150-D48-S15 CUI-VHB150-D48-S15 Datasheet
526Kb / 4P
   Half Brick DC-DC Converter
VHB150-D48-S24 CUI-VHB150-D48-S24 Datasheet
526Kb / 4P
   Half Brick DC-DC Converter
VHB150-D48-S2R5 CUI-VHB150-D48-S2R5 Datasheet
526Kb / 4P
   Half Brick DC-DC Converter
More results

Similar Description - VHB150R-T110-S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com