Selected language     English  ▼


ADM208EAR Datasheet(PDF) 8 Page - Analog Devices

Part No. ADM208EAR
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 8 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–8–
1
2
SHDN
3
V+
V–
+10V
–10V
20 s/DIV
Figure 17. Charge Pump V+, V– Exiting Shutdown
VCC – V
250
0
3
3.5
4
4.5
5
5.5
6
200
150
100
50
V–
V+
Figure 18. Charge Pump Impedance vs. VCC
ILOAD – mA
10
–2
040
510
15
20
25
30
8
6
4
2
0
–4
–6
–8
–10
35
V+
V–
VCC = +5V
Figure 19. Charge Pump V+, V– vs. Current




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADM202EEMI/EMC Compliant +-15 kV ESD Protected RS-232 Line Drivers/Receivers 1 2 3 4 5 MoreAnalog Devices
ADM2209EEMI-/EMC-Compliant +-15 kV ESD Protected Dual RS-232 Port with Standby 1 2 3 4 5 MoreAnalog Devices
ADM483E+-15 kV ESD Protected EMC Compliant Slew Rate Limited EIA RS-485 Transceiver 1 2 3 4 5 MoreAnalog Devices
ST3241E®5KV ESD PROTECTED 3 TO 5.5V 400KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 1 2 3 4 5 MoreSTMicroelectronics
ISL83384E±15kV ESD Protected +3V to +5.5V 1 Microamp 250Kbps RS-232 Transmitter/Receiver 1 2 3 4 5 MoreIntersil Corporation
ST3243E±15KV ESD PROTECTED 3 TO 5.5V 400KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 1 2 3 4 5 MoreSTMicroelectronics
ISL83385E15kV ESD Protected +3V to +5.5V +/-1 Microamp 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
ADM3485EESD Protected EMC Compliant 3.3 V 20 Mbps EIA RS-485 Transceiver 1 2 3 4 5 MoreAnalog Devices
ISL83386E±15kV ESD Protected +3V to +5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation
ISL83387E+/-15kV ESD Protected +3#V to +5.5V 1Microamp 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl