Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM237L Datasheet(PDF) 5 Page - Analog Devices

Part # ADM237L
Description  5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM237L Datasheet(HTML) 5 Page - Analog Devices

  ADM237L Datasheet HTML 1Page - Analog Devices ADM237L Datasheet HTML 2Page - Analog Devices ADM237L Datasheet HTML 3Page - Analog Devices ADM237L Datasheet HTML 4Page - Analog Devices ADM237L Datasheet HTML 5Page - Analog Devices ADM237L Datasheet HTML 6Page - Analog Devices ADM237L Datasheet HTML 7Page - Analog Devices ADM237L Datasheet HTML 8Page - Analog Devices ADM237L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM223/ADM230L–ADM241L
–5–
REV. 0
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
1µF
16V
1µF
6.3V
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
ADM232L
1µF
6.3V
1µF
16V
6
GND
15
4
5
3
1
2
1µF
6.3V
T1IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1OUT
T2IN
R1OUT
R2OUT
T2OUT
R1IN
R2IN
R1
R2
T2
T1
TTL/CMOS
OUTPUTS
RS-232
INPUTS
**
13
10
7
11
8
14
9
12
16
Figure 6. ADM232L Typical Operating Circuit
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
GND
ADM233L
7
T1IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1OUT
T2IN
R1OUT
R2OUT
T2OUT
R1IN
R2IN
R1
R2
T2
T1
TTL/CMOS
OUTPUTS
RS-232
INPUTS
**
4
1
18
2
19
5
20
3
8
13
12
17
14
11
15
10
16
V–
C2–
C2+
9
6
GND
DO NOT MAKE
CONNECTIONS TO
THESE PINS
INTERNAL
–10V POWER
SUPPLY
INTERNAL
+10V POWER
SUPPLY
Figure 8. ADM233L Typical Operating Circuit
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
(Not to Scale)
ADM233L
R1IN
T2IN
R2IN
T1OUT
T2OUT
R1OUT
V+
V–
VCC
C1+
C2–
C2+
C1–
GND
GND
C2+
C2–
R2OUT
V–
T1IN
Figure 7. ADM233L DIP Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADM232L
T1IN
R1IN
T1OUT
R1OUT
V+
VCC
GND
T2IN
R2IN
T2OUT
R2OUT
V–
C1+
C1–
C2–
C2+
Figure 5. ADM232L DIP/SOIC Pin Configuration


Similar Part No. - ADM237L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM237L AD-ADM237L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237L AD-ADM237L Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237LAN AD-ADM237LAN Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237LAN AD-ADM237LAN Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237LAQ AD-ADM237LAQ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM237L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com