Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460003.ER Datasheet(PDF) 2 Page - Littelfuse

Part # 0460003.ER
Description  Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0460003.ER Datasheet(HTML) 2 Page - Littelfuse

  0460003.ER Datasheet HTML 1Page - Littelfuse 0460003.ER Datasheet HTML 2Page - Littelfuse 0460003.ER Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
460 Series
PICO® SMF Fuse > 460 Series
Please refer to www.littelfuse.com/series/460.html for current information.
Materials
Body: Molded Thermoplastic
Terminations: 100% Tin-plated Copper
(460 Series)
Solderability
MIL-STD-202, Method 208
Product Marking
Body: Brand Logo, Current Rating, Voltage
Rating, Series Code, Date Code, Agency
Approved Logo
Moisture
Sensitivity Level
Level 1 J-STD - 020C
Operating
Temperature
–55°C to 125°C
Product Characteristics
Shock
MIL-STD-202, Method 213, Test
Condition I (100 G’s peak for 6 msecs.)
Vibration
MIL-STD-202, Method 201 (10–55 Hz,
0.06 inch total excursion)
Salt Spray
MIL-STD-202, Method 101, Test
Condition B (48 hours)
Insulation Resistance
(After Opening)
MIL-STD-202, Method 302, (10,000
ohms minimum at 100 volts)
Thermal Shock
MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C)
Moisture Resistance
MIL-STD-202, Method 106, High
Humidity (90-98 RH), Heat (65°C)
Average Time Current Curves
1000
100
10
1
0.1
0.01
10
CURRENT IN AMPERES
1000
100
0.1
1
0.05
Soldering Parameters
Temperature Rerating Curve
1. Rerating depicted in this curve is in addition to the standard rerating of 25% for
continuous operation.
Wave Soldering
260°C, 3 seconds max.
Reflow Soldering
230°C, 30 seconds max.


Similar Part No. - 0460003.ER

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0460003.UR LITTELFUSE-0460003.UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
More results

Similar Description - 0460003.ER

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0460.500UR LITTELFUSE-0460.500UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046002.5UR LITTELFUSE-046002.5UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046001.5ER LITTELFUSE-046001.5ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460.375UR LITTELFUSE-0460.375UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460003.UR LITTELFUSE-0460003.UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046003.5UR LITTELFUSE-046003.5UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460002.ER LITTELFUSE-0460002.ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460.750ER LITTELFUSE-0460.750ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046002.5ER LITTELFUSE-046002.5ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0459.200ER LITTELFUSE-0459.200ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com