Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT500L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT500L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT500L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT500L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT500L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT500L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT500L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT500L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT500L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT500L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
VDS
VGS
IDG
IGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
RθJA
60
75
RθJC
0.7
1.3
A
+50
Continuous Drain Gate Current
Continuouse Gate Source Current
mA
ID
80
57
+50
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
Steady-State
°C/W
clamped
Gate-Source Voltage
Drain-Source Voltage
clamped
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
Repetitive avalanche energy
H
125
Pulsed Drain Current
C
Junction and Storage Temperature Range
PD
TC=100°C
Avalanche Current L=100uH
H
Power Dissipation
B
TC=25°C
115
58
-55 to 175
250
50
A
mJ
A
°C
W
AOT500L
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = Clamped
ID = 80A (VGS = 10V)
RDS(ON) < 5.3 mΩ (VGS = 10V)
100% UIS tested
100% Rg tested
General Description
AOT500 uses an optimally designed temperature
compensated gate-drain zener clamp. Under overvoltage
conditions, the clamp activates and turns on the MOSFET,
safely dissipating the energy in the MOSFET.
The built in resistor guarantees proper clamp operation
under all circuit conditions, and the MOSFET never goes
into avalanche breakdown. Advanced trench technology
provides excellent low Rdson, gate charge and body diode
characteristics, making this device ideal for motor and
inductive load control applications.
Standard Product AOT500 is Pb-free (meets ROHS &
Sony 259 specifications)
G
10
S
D
TO220
Top View
Bottom View
G
G
S
D
D
S
D
D
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT500L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT500 AOSMD-AOT500 Datasheet
146Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOT500 ISC-AOT500 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT500L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com