Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT2610L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT2610L
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT2610L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT2610L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT2610L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT2610L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT2610L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT2610L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT2610L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT2610L
60V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
55A
RDS(ON) (at VGS=10V)
< 10.7m
RDS(ON) (at VGS =4.5V)
< 13.5m
100% UIS Tested
100% Rg Tested
Symbol
The AOT2610L uses Trench MOSFET technology that
is uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an
extremely low combination of RDS(ON), Ciss and Coss.
This device is ideal for boost converters and synchronous
rectifiers for consumer, telecom, industrial power supplies
and LED backlighting.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
60V
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
Symbol
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
48
15
V
±20
Gate-Source Voltage
Drain-Source Voltage
60
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
Max
V
Maximum
Units
Parameter
mJ
Avalanche Current
C
7
Continuous Drain
Current
65
9
A
36
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
ID
55
39
TC=25°C
TC=100°C
140
Pulsed Drain Current
C
Continuous Drain
Current
W
Power Dissipation
A
PDSM
W
TA=70°C
75
1.3
TA=25°C
TC=25°C
2.1
37.5
TC=100°C
Power Dissipation
B
PD
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1.65
60
2.0
Rev 0: Nov. 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOT2610L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT2610L VBSEMI-AOT2610L Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT2610L ISC-AOT2610L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOT2610L DOINGTER-AOT2610L Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AOT2610L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com