Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJL16218 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MJL16218
Description  POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJL16218 Datasheet(HTML) 6 Page - Motorola, Inc

  MJL16218 Datasheet HTML 1Page - Motorola, Inc MJL16218 Datasheet HTML 2Page - Motorola, Inc MJL16218 Datasheet HTML 3Page - Motorola, Inc MJL16218 Datasheet HTML 4Page - Motorola, Inc MJL16218 Datasheet HTML 5Page - Motorola, Inc MJL16218 Datasheet HTML 6Page - Motorola, Inc MJL16218 Datasheet HTML 7Page - Motorola, Inc MJL16218 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJL16218
6
Motorola Bipolar Power Transistor Device Data
DYNAMIC DESATURATION
The SCANSWITCH series of bipolar power transistors are
specifically designed to meet the unique requirements of hor-
izontal deflection circuits in computer monitor applications.
Historically, deflection transistor design was focused on mini-
mizing collector current fall time. While fall time is a valid
figure of merit, a more important indicator of circuit perfor-
mance as scan rates are increased is a new characteristic,
“dynamic desaturation.” In order to assure a linear collector
current ramp, the output transistor must remain in hard satu-
ration during storage time and exhibit a rapid turn–off transi-
tion. A sluggish transition results in serious consequences.
As the saturation voltage of the output transistor increases,
the voltage across the yoke drops. Roll off in the collector
current ramp results in improper beam deflection and distor-
tion of the image at the right edge of the screen. Design
changes have been made in the structure of the SCAN-
SWITCH series of devices which minimize the dynamic
desaturation interval. Dynamic desaturation has been
defined in terms of the time required for the VCE to rise from
1.0 to 5.0 volts (Figures 9 and 10) and typical performance at
optimized drive conditions has been specified. Optimization
of device structure results in a linear collector current ramp,
excellent turn–off switching performance, and significantly
lower overall power dissipation.
U2
MC7812
VI
VO
G
N
D
+
+
+
+
+24 V
C1
100
µF
C2
10
µF
C3
10
µF
R7
2.7 k
R8
9.1 k
R9
470
R10
47
C5
0.1
C4
0.005
R2
R510
R3
250
R6
1 k
R12
470
1 W
D1
MUR110
T1
LB
R4
22
Q4
DUT
VCE
CY
LY
C6
100
µF
R5
1 k
(IC)
(IB)
Q5
MJ11016
Q2
MJ11016
Q3
MJE
15031
R11
470
1 W
100 V
D2
MUR460
U1
MC1391P
%
OSC
VCC
OUT
GND
76
81
2
(DC)
BS170
Q1
SYNC
Table 2. High Resolution Deflection Application Simulator
R1
1 k
6.2 V
T1: Ferroxcube Pot Core #1811 P3C8
LB = 1.5
µH
Primary/Sec. Turns Ratio = 18:6
CY = 0.01
µF
Gapped for LP = 30 µH
LY = 13
µH
Figure 11. Deflection Simulator Circuit Base
Drive Waveform
TIME (2
µs/DIV)
IB1 = 2.2 A
Figure 12. Definition of Dynamic
Desaturation Measurement
TIME (ns)
tds
DYNAMIC DESATURATION TIME
IS MEASURED FROM VCE = 1 V
TO VCE = 5 V
1
4
5
0
3
2
06
8
4
210
IB2 = 4.5 A


Similar Part No. - MJL16218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL16218 ONSEMI-MJL16218 Datasheet
157Kb / 8P
   POWER TRANSISTOR
More results

Similar Description - MJL16218

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
   POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
logo
Motorola, Inc
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
MJE16204 MOTOROLA-MJE16204 Datasheet
276Kb / 8P
   POWER TRANSISTORS 6.0 AMPERES 550 VOLTS-. VCES 45 AND 80 WATTS
MJW16206 MOTOROLA-MJW16206 Datasheet
342Kb / 10P
   POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
   15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Advanced Power Technolo...
2729-170 ADPOW-2729-170 Datasheet
83Kb / 4P
   170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100짰, 10%
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com