Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM485AQ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM485AQ
Description  5 V Low Power EIA RS-485 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485AQ Datasheet(HTML) 5 Page - Analog Devices

  ADM485AQ Datasheet HTML 1Page - Analog Devices ADM485AQ Datasheet HTML 2Page - Analog Devices ADM485AQ Datasheet HTML 3Page - Analog Devices ADM485AQ Datasheet HTML 4Page - Analog Devices ADM485AQ Datasheet HTML 5Page - Analog Devices ADM485AQ Datasheet HTML 6Page - Analog Devices ADM485AQ Datasheet HTML 7Page - Analog Devices ADM485AQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics–ADM485
REV. A
–5–
40
0
2.0
12
4
8
0.0
24
16
20
28
32
36
1.0
0.5
1.5
OUTPUT VOLTAGE – Volts
Figure 11. Receiver Output Low
Voltage vs. Output Current
0.4
0.1
–50
125
0.3
0.2
–25
50
100
25
075
TEMPERATURE –
°C
I = 8mA
Figure 14. Receiver Output Low
Voltage vs. Temperature
100
0
4
30
10
20
0
60
40
50
70
80
90
2
13
OUTPUT VOLTAGE – Volts
Figure 17. Driver Output Low
Voltage vs. Output Current
OUTPUT VOLTAGE – Volts
0
–20
5.0
–14
–18
–16
3.5
–8
–12
–10
–6
–4
–2
4.5
4.0
Figure 12. Receiver Output High
Voltage vs. Output Current
OUTPUT VOLTAGE – Volts
96
0
24
12
0
48
36
60
72
84
4
3
2
1
Figure 15. Driver Differential Out-
put Voltage vs. Output Current
0
–100
5
–70
–90
–80
0
–40
–60
–50
–30
–20
–10
3
24
1
OUTPUT VOLTAGE – Volts
Figure 18. Driver Output High
Voltage vs. Output Current
5.0
4.5
125
4.8
4.6
–25
4.7
–50
4.9
100
75
50
25
0
TEMPERATURE –
°C
I = 8mA
Figure 13. Receiver Output High
Voltage vs. Temperature
2.4
2.0
–50
125
2.3
2.1
–25
2.2
100
75
50
25
0
TEMPERATURE –
°C
Figure 16. Driver Differential Output
Voltage vs. Temperature, RL = 54
1.00
0.60
125
0.70
0.65
–25
–50
0.80
0.75
0.85
0.90
0.95
100
75
50
25
0
TEMPERATURE – °C
DRIVER ENABLED
DRIVER DISABLED
Figure 19. Supply Current vs.
Temperature


Similar Part No. - ADM485AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485AN AD-ADM485AN Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
ADM485AN AD-ADM485AN Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485ANZ AD-ADM485ANZ Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485ANZ1 AD-ADM485ANZ1 Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
ADM485AR AD-ADM485AR Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
More results

Similar Description - ADM485AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com