Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0466003.NRHF Datasheet(PDF) 2 Page - Littelfuse

Part # 0466003.NRHF
Description  Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0466003.NRHF Datasheet(HTML) 2 Page - Littelfuse

  0466003.NRHF Datasheet HTML 1Page - Littelfuse 0466003.NRHF Datasheet HTML 2Page - Littelfuse 0466003.NRHF Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
30
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Thin Film > 1206 Size > Very Fast-Acting > 466 Series
466 Series
Please refer to www.littelfuse.com/series/466.html for current information.
Average Time Current Curves
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
reflow condition
Pb – free assembly
pre Heat
-Temperature min (T
s(min))
150°C
-Temperature max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 seconds
Average ramp-up rate (liquidusTemp
(T
l) to peak)
5°C/second max.
T
S(max) to Tl - ramp-up rate
5°C/second max.
reflow
-Temperature (T
l) (liquidus)
217°C
-Temperature (t
l)
60 – 150 seconds
peakTemperature (T
p)
250+0/-5 °C
Time within 5°c of actual peak
Temperature (t
p)
20 – 40 seconds
ramp-down rate
5°C/second max.
Time 25°c to peakTemperature (T
p)
8 minutes max.
Do not exceed
260°C
Soldering Parameters
Temperature Rerating Curve
Wave Soldering
260°C, 10 seconds max.
Note:
1. Rerating depicted in this curve is in addition to the standard rerating of 25% for
continuous operation.
Example:
For continuous operation at 70 degrees celsius, the fuse should be rerated as follows:
I = (0.75)(0.80)I
RAT = (0.60)IRAT
2. The temperature derating curve represents the nominal conditions. For questions
abouttemperaturederatingcurve,pleaseconsultLittelfusetechnicalsupportfor
assistance.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP


Similar Part No. - 0466003.NRHF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0466003.NR LITTELFUSE-0466003.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
More results

Similar Description - 0466003.NRHF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
046602.5NRHF LITTELFUSE-046602.5NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
04661.75NRHF LITTELFUSE-04661.75NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
0466.125NRHF LITTELFUSE-0466.125NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
0466.200NRHF LITTELFUSE-0466.200NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
0466.250NRHF LITTELFUSE-0466.250NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
0466.375NRHF LITTELFUSE-0466.375NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
04661.25NRHF LITTELFUSE-04661.25NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
046601.5NRHF LITTELFUSE-046601.5NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
0466001.NR LITTELFUSE-0466001.NR Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
0466002.NRHF LITTELFUSE-0466002.NRHF Datasheet
619Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 466 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com