Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0467001.NRHF Datasheet(PDF) 3 Page - Littelfuse

Part # 0467001.NRHF
Description  Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0467001.NRHF Datasheet(HTML) 3 Page - Littelfuse

  0467001.NRHF Datasheet HTML 1Page - Littelfuse 0467001.NRHF Datasheet HTML 2Page - Littelfuse 0467001.NRHF Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
43
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
467 Series
Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Please refer to www.littelfuse.com/series/467.html for current information.
Materials
Body: AdvancedHighTemperatureSubstrate
Terminations:100%TinoverNickelover
Copper
Element Cover Coat: ConformalCoating
Operating
Temperature
–55OCto90OC.Consulttemperaturererating
curvechart.Foroperationabove90°Ccontact
Littelfuse.
Humidity
MIL-STD-202F,Method103B,ConditionD
Thermal Shock
Withstands5cyclesof–55OCto125OC
Vibration
PerMIL-STD-202F
Insulation Resistance
(After Opening)
Greaterthan10,000ohms.
Product Characteristics
Dimensions
Part Marking System
1.09
(.043")
REFLOW SOLDER
1.60
(.063")
.305
(.012")
.279
(.011")
.18
(.007")
.127
(.005")
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
R
REF.
1.02
(.040")
.762
(.030")
2.54
(.100")
1.09
(.043")
WAVE SOLDER
3.20
(.126")
1.09
(.043")
1.02
(.040")
.813
(.032")
Sn
Sn
Cu
Sn
Coating
Amp
Code
Marking
Code
.250
D
.375
E
.500
F
.750
G
001.
H
1.25
J
01.5
K
1.75
L
002.
N
02.5
O
003.
P
03.5
R
004.
S
005.
T
Part Numbering System
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
8mmTapeandReel
EIA-481Rev.D(IEC60286,part3)
5000
NR
0467002.NRHF
SERIES
AMP Code
‘HF’ SUFFIX
HALOGEN FREE ITEM
PACKAGING Code
ThedotispoisitionedbeforethePack-
agingSuffixwithwholeratingsand
withinthenumberingsequencefor
fractionalratings.RefertoAmpCode
columnintheElectricalSpecifications
table.
NR=TapeandReel,5000pcs
Example:
1.5ampproductis
0467
01.5NRHF(2amp
productshownabove).


Similar Part No. - 0467001.NRHF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0467001.NR LITTELFUSE-0467001.NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
More results

Similar Description - 0467001.NRHF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0467005.NR LITTELFUSE-0467005.NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.250NRHF LITTELFUSE-0467.250NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.25NR LITTELFUSE-04671.25NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
046701.5NR LITTELFUSE-046701.5NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467002.NRHF LITTELFUSE-0467002.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467004.NRHF LITTELFUSE-0467004.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.75NRHF LITTELFUSE-04671.75NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.500NRHF LITTELFUSE-0467.500NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
046703.5NR LITTELFUSE-046703.5NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467005.NRHF LITTELFUSE-0467005.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.375NR LITTELFUSE-0467.375NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com