Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF20N40 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF20N40
Description  400V,20A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF20N40 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF20N40 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF20N40 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF20N40 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF20N40 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF20N40 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF20N40 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOTF20N40
Symbol
Min
Typ
Max
Units
400
500
BVDSS
/∆TJ
0.4
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.0
3.7
4.3
V
RDS(ON)
0.2
0.25
gFS
20
S
VSD
0.7
1
V
IS
Maximum Body-Diode Continuous Current
20
A
ISM
54
A
Ciss
1510
1898
2290
pF
Coss
145
212
290
pF
Crss
9
15
21
pF
Rg
1.5
3
4.5
Qg
28
37
45
nC
Qgs
12
nC
Qgd
12
nC
tD(on)
44
ns
tr
87
ns
tD(off)
96
ns
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=10V, VDS=200V, ID=20A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=0V, VDS=25V, f=1MHz
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
Zero Gate Voltage Drain Current
µA
BVDSS
VDS=320V, TJ=125°C
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
VDS=400V, VGS=0V
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=40V, ID=10A
Forward Transconductance
Turn-Off DelayTime
Gate Source Charge
Gate Drain Charge
Diode Forward Voltage
VGS=10V, VDS=320V, ID=20A
Turn-On Rise Time
Static Drain-Source On-Resistance
VGS=10V, ID=10A
Reverse Transfer Capacitance
VDS=5V, ID=250µA
VDS=0V, VGS=±30V
D(off)
tf
59
ns
trr
220
285
345
ns
Qrr
3
3.9
4.8
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=20A,dI/dt=100A/µs,VDS=100V
Body Diode Reverse Recovery Time
Turn-Off Fall Time
IF=20A,dI/dt=100A/µs,VDS=100V
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial
T
J =25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, I
AS=6A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev0: May 2012
www.aosmd.com
Page 2 of 6


Similar Part No. - AOTF20N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF20N40 ISC-AOTF20N40 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF20N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP20N40 FAIRCHILD-FDP20N40 Datasheet
188Kb / 6P
   20A, 400V, 0.216 Ohm, N-Channel SMPS Power MOSFET
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com