Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOW7S65 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOW7S65
Description  650V 7A a MOS TM Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW7S65 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOW7S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW7S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW7S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW7S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW7S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW7S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOW7S65/AOWF7S65
650V 7A
αααα MOS TM Power Transistor
General Description
Product Summary
VDS @ Tj,max
750V
IDM
30A
RDS(ON),max
0.65
Qg,typ
9.2nC
Eoss @ 400V
2
µJ
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
MOSFET dv/dt ruggedness
Peak diode recovery dv/dt
H
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
* Drain current limited by maximum junction temperature.
Units
V/ns
Maximum Case-to-sink
A
Maximum Junction-to-Ambient
A,D
300
65
65
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
J
°C
°C/W
°C/W
W/
oC
°C
Thermal Characteristics
0.5
--
°C/W
Maximum Junction-to-Case
1.2
5
Parameter
AOW7S65
0.2
Junction and Storage Temperature Range
-55 to 150
AOWF7S65
100
Power Dissipation
B
The AOW7S65 & AOWF7S65 have been fabricated
using the advanced
αMOSTM high voltage process that is
designed to deliver high levels of performance and
robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with
guaranteed avalanche capability these parts can be
adopted quickly into new and existing offline power supply
designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOW7S65
AOWF7S65
Drain-Source Voltage
650
Gate-Source Voltage
V
ID
7*
7
TC=25°C
±30
A
1.7
A
Avalanche Current
C
5*
5
30
TC=100°C
Pulsed Drain Current
C
Continuous Drain
Current
Single pulsed avalanche energy
G
W
TC=25°C
dv/dt
0.8
20
Derate above 25
oC
mJ
mJ
43
PD
Repetitive avalanche energy
C
25
104
86
G
D
S
Top View
TO-262F
Bottom View
Top View
TO-262
Bottom View
G
D
S
G
D
S
G
D
S
G
D
S
AOW7S65
AOWF7S65
Rev0: Dec 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AOW7S65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW7S65 ISC-AOW7S65 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOW7S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
   650V 7A a MOS Power Transistor
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
   650V 7A a MOS Power Transistor
AOW7S60 AOSMD-AOW7S60 Datasheet
276Kb / 6P
   600V 7A a MOS TM Power Transistor
AOB25S65L AOSMD-AOB25S65L Datasheet
317Kb / 7P
   650V 25A a MOS TM Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
   650V 11A a MOS TM Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com