Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOW10N65 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOW10N65
Description  650V,10A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW10N65 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOW10N65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW10N65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW10N65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW10N65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW10N65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW10N65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOW10N65/AOWF10N65
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
t off
Id
+
L
Vds
BV
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E = 1/2 LI AR
AR
Vdd
Vgs
Vgs
Rg
DUT
-
+
VDC
Vgs
Id
Vgs
I
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
t
rr
Rev1: Nov 2011
www.aosmd.com
Page 6 of 6


Similar Part No. - AOW10N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW10N65 ISC-AOW10N65 Datasheet
343Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOW10N65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10N65 AOSMD-AOT10N65 Datasheet
214Kb / 6P
   650V,10A N-Channel MOSFET
logo
Nanjing International G...
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
   10A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65 UTC-10N65 Datasheet
341Kb / 8P
   10A, 650V N-CHANNEL POWER MOSFET
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM10N65 AITSEMI-AM10N65 Datasheet
807Kb / 11P
   MOSFET 650V, 10A N-CHANNEL REV1.0 -
REV1.0 - JUN 2022
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
   N-Channel Power MOSFET (650V,10A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com