Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOWF20S60 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOWF20S60
Description  600V 20A a MOS TM Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOWF20S60 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOWF20S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOWF20S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOWF20S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOWF20S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOWF20S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOWF20S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOW20S60/AOWF20S60
600V 20A
αααα MOS TM Power Transistor
General Description
Product Summary
VDS @ Tj,max
700V
IDM
80A
RDS(ON),max
0.199
Qg,typ
20nC
Eoss @ 400V
4.9
µJ
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
MOSFET dv/dt ruggedness
Peak diode recovery dv/dt
H
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
* Drain current limited by maximum junction temperature.
Single pulsed avalanche energy
G
W
23
PD
Repetitive avalanche energy
C
28.0
266
mJ
mJ
Avalanche Current
C
14*
14
Junction and Storage Temperature Range
TC=25°C
dv/dt
2.1
20
Power Dissipation
B
188
Gate-Source Voltage
V
A
80
TC=100°C
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
ID
600
20*
20
A
3.4
±30
°C
The AOW20S60 & AOWF20S60 have been fabricated
using the advanced
αMOSTM high voltage process that is
designed to deliver high levels of performance and
robustness in switching applications.
By providing low RDS(on), Qg and EOSS along with
guaranteed avalanche capability these parts can be
adopted quickly into new and existing offline power supply
designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOW20S60
AOWF20S60
Drain-Source Voltage
°C/W
W/
oC
°C
Thermal Characteristics
0.5
--
°C/W
Maximum Junction-to-Case
0.47
4.5
°C/W
Derate above 25
oC
Parameter
AOW20S60
0.22
-55 to 150
AOWF20S60
100
Units
V/ns
Maximum Case-to-sink
A
Maximum Junction-to-Ambient
A,D
300
65
65
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
J
G
D
S
Top View
TO-262
Bottom View
G
D
S
G
D
S
Top View
TO-262F
Bottom View
G
D
S
G
D
S
AOWF20S60
AOW20S60
Rev 4: Jan 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOWF20S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOWF240 AOSMD-AOWF240 Datasheet
271Kb / 6P
   40V N-Channel MOSFET
AOWF25S65 AOSMD-AOWF25S65 Datasheet
271Kb / 6P
   650V 25A a MOS TM Power Transistor
AOWF2606 AOSMD-AOWF2606 Datasheet
262Kb / 6P
   60V N-Channel MOSFET
AOWF296 AOSMD-AOWF296 Datasheet
424Kb / 8P
   100V N-Channel AlphaSGT
AOWF296 AOSMD-AOWF296 Datasheet
424Kb / 8P
   100V N-Channel AlphaSGT
More results

Similar Description - AOWF20S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB20S60L AOSMD-AOB20S60L Datasheet
330Kb / 7P
   600V 20A a MOS TM Power Transistor
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
   600V 20A a MOS Power Transistor
AOK20S60 AOSMD-AOK20S60 Datasheet
256Kb / 6P
   600V 20A a MOS Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com