Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM869L Datasheet(PDF) 2 Page - Analog Devices

Part # ADM869L
Description  2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM869L Datasheet(HTML) 2 Page - Analog Devices

  ADM869L Datasheet HTML 1Page - Analog Devices ADM869L Datasheet HTML 2Page - Analog Devices ADM869L Datasheet HTML 3Page - Analog Devices ADM869L Datasheet HTML 4Page - Analog Devices ADM869L Datasheet HTML 5Page - Analog Devices ADM869L Datasheet HTML 6Page - Analog Devices ADM869L Datasheet HTML 7Page - Analog Devices ADM869L Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
ADM869L–SPECIFICATIONS (V
CC = 3.0 V, TA = –40 C to +85 C
1, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Operating Voltage Range
2.7
5.5
V
Quiescent Current
12
20
µAVIN = 5 V, ON = GND, IOUT = 0 A,
0
°C to 85°C
12
25
µAV
IN = 5 V, ON = GND, IOUT = 0 A,
–40
°C to +85°C
Shutdown Supply Current
0.01
2
µA
ON = V
IN = VOUT = 5.5 V
Off-Switch Current
0.04
2
µA
ON = V
IN = VCC, VOUT = 0 V
Undervoltage Lockout
2.0
2.3
2.6
V
Rising Edge, 1% Hysteresis
On Resistance
38
70
m
VIN = 4.75 V
45
90
m
VIN = 3.0 V
Nominal Current-Limit Setting Range
0.4
2.4
A
RSET = 1% Tolerance
2
Current-Limit Amplifier Threshold
1.178
1.240
1.302
V
VSET Required to Turn Off Switch
3
IOUT/ISET Current Ratio
810
955
1100
A/A
IOUT = 1 A, VOUT > 1.6 V
ON Input Low Voltage, V
IL
0.8
V
VIN = 2.7 V to 5.5 V
ON Input High Voltage, VIH
2.0
V
VIN = 2.7 V to 3.6 V
2.4
V
VIN = 4.5 V to 5.5 V
ON Input Leakage
0.01
±1
µAVON = 5.5 V
Current-Limit Amplifier Input Bias Current
0.05
±3
µAVSET = 1.24 V, IOUT = 0 A
FAULT Logic Output Low Voltage
0.4
V
ISINK = 1 mA, VSET = 1.4 V
FAULT Output High Leakage Current
0.05
1
µAVFAULT = 5.5 V, VSET = 1 V
Slow Current-Loop Response Time
10
µs
20% Current Overdrive, VIN = 5 V
Fast Current-Loop Response Time
4
µs
Turn-On Time
100
300
µsVIN = 5 V, IOUT = 500 mA
200
µsVIN = 3 V, IOUT = 500 mA
Turn-Off Time
1
2
30
µsV
IN = 5 V, IOUT = 500 mA
NOTES
1Specifications to –40
°C are guaranteed by design, not tested.
2Guaranteed by design. Derived from the I
SET current ratio, current-limit amplifier and external set resistor accuracies.
3Tested with I
OUT = 200 mA and VSET adjusted until (VIN – VOUT)
0.8 V.
Specifications subject to change without notice.


Similar Part No. - ADM869L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
   2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
More results

Similar Description - ADM869L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
   2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
logo
STMicroelectronics
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com