Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8695 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM8695
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8695 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8695 Datasheet HTML 6Page - Analog Devices ADM8695 Datasheet HTML 7Page - Analog Devices ADM8695 Datasheet HTML 8Page - Analog Devices ADM8695 Datasheet HTML 9Page - Analog Devices ADM8695 Datasheet HTML 10Page - Analog Devices ADM8695 Datasheet HTML 11Page - Analog Devices ADM8695 Datasheet HTML 12Page - Analog Devices ADM8695 Datasheet HTML 13Page - Analog Devices ADM8695 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM8690–ADM8695
REV. 0
–10–
+APPLICATION INFORMATION
Increasing the Drive Current
If the continuous output current requirements at VOUT exceed
100 mA, or if a lower VCC–VOUT voltage differential is desired,
an external PNP pass transistor may be connected in parallel
with the internal transistor. The BATT ON output (ADM8691/
ADM8693/ADM8695) can directly drive the base of the exter-
nal transistor.
PNP TRANSISTOR
0.1µF
0.1µF
BATTERY
+5V INPUT
POWER
VCC
BATT
ON
VOUT
VBATT
ADM8691
ADM8693
ADM8695
Figure 17. Increasing the Drive Current
Using a Rechargeable Battery for Backup
If a capacitor or a rechargeable battery is used for backup then
the charging resistor should be connected to VOUT since this
eliminates the discharge path that would exist during power-
down if the resistor is connected to VCC.
0.1µF
0.1µF
RECHARGEABLE
BATTERY
+5V INPUT
POWER
VCC
VOUT
VBATT
ADM869x
R
I =
VOUT – VBATT
R
Figure 18. Rechargeable Battery
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis may be added to the
power fail comparator. Since the comparator circuit is nonin-
verting, hysteresis can be added simply by connecting a resistor be-
tween the
PFO output and the PFI input as shown in Figure 19.
When
PFO is low, resistor R3 sinks current from the summing
junction at the PFI pin. When
PFO is high, the series combina-
tion of R3 and R4 source current into the PFI summing junc-
tion. This results in differing trip levels for the comparator.
ADM869x
1.3V
PFI
PFO
R1
R2
+7V TO +15V
INPUT
POWER
R4
R3
VCC
TO µP NMI
+5V
7805
5V
0V
PFO
0V
VL
VH
VIN
VH = 1.3V (1+
+
)
VL = 1.3V (1+
)
ASSUMING R4 < < R3 THEN
R1
R2
R1
R3
R1
R2
R1 (5V – 1.3V)
1.3V (R3 + R4)
R1
R2
HYSTERESIS VH – VL = 5V (
)
Figure 19. Adding Hysteresis to the Power Fail Comparator
Monitoring the Status of the Battery
The power fail comparator can be used to monitor the status of
the backup battery instead of the power supply if desired. This
is shown in Figure 20. The PFI input samples the battery volt-
age and generates an active low
PFO signal when the battery
voltage drops below a chosen threshold. It may be necessary to
apply a test load in order to determine the loaded battery volt-
age. This can be done under processor control using
CEOUT.
Since
CEOUT is forced high during the battery backup mode, the
test load will not be applied to the battery while it is in use, even
if the microprocessor is not powered.
ADM869x
PFO
+5V INPUT
POWER
CEIN
CEOUT
PFI
VBATT
VCC
BATTERY
20k
OPTIONAL
TEST LOAD
10M
10M
LOW BATTERY
SIGNAL TO
µP I/O PIN
FROM µP I/O PIN
APPLIES TEST LOAD
TO BATTERY
Figure 20. Monitoring the Battery Status
Alternate Watchdog Input Drive Circuits
The watchdog feature can be enabled and disabled under pro-
gram control by driving WDI with a three-state buffer (Figure
21a). When three-stated, the WDI input will float, thereby dis-
abling the watchdog timer.
WDI
ADM869x
WATCHDOG
STROBE
CONTROL
INPUT
Figure 21a. Programming the Watchdog Input
This circuit is not entirely foolproof, and it is possible that a
software fault could erroneously three-state the buffer. This
would then prevent the ADM869x from detecting that the mi-
croprocessor is no longer operating correctly. In most cases a
better method is to extend the watchdog period rather than dis-
abling the watchdog. This may be done under program control
using the circuit shown in Figure 21b. When the control input is
high, the OSC SEL pin is low and the watchdog timeout is set
by the external capacitor. A 0.01
µF capacitor sets a watchdog
timeout delay of 100 seconds. When the control input is low,
the OSC SEL pin is driven high, selecting the internal oscillator.
The 100 ms or the 1.6 s period is chosen, depending on which di-
ode in Figure 21b is used. With D1 inserted, the internal timeout is
set at 100 ms; with D2 inserted the timeout is set at 1.6 s.
D2
D1
CONTROL
INPUT*
ADM869x
OSC SEL
OSC IN
*LOW = INTERNAL TIMEOUT
HIGH = EXTERNAL TIMEOUT
Figure 21b. Programming the Watchdog Input


Similar Part No. - ADM8695

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8695 AD-ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695 AD-ADM8695 Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
ADM8695AN AD-ADM8695AN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
More results

Similar Description - ADM8695

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com