Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM9240 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM9240
Description  Low Cost Microprocessor System Hardware Monitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9240 Datasheet(HTML) 2 Page - Analog Devices

  ADM9240 Datasheet HTML 1Page - Analog Devices ADM9240 Datasheet HTML 2Page - Analog Devices ADM9240 Datasheet HTML 3Page - Analog Devices ADM9240 Datasheet HTML 4Page - Analog Devices ADM9240 Datasheet HTML 5Page - Analog Devices ADM9240 Datasheet HTML 6Page - Analog Devices ADM9240 Datasheet HTML 7Page - Analog Devices ADM9240 Datasheet HTML 8Page - Analog Devices ADM9240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
–2–
REV. 0
ADM9240–SPECIFICATIONS1, 2
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
2.85
5
5.75
V
Supply Current, ICC
1.4
2.0
mA
Interface Inactive, ADC Active
1.0
mA
ADC Inactive, DAC Active
25
100
µA
Shutdown Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Accuracy
±3
°C
–40
°C ≤ T
A ≤ +125°C
±2
°C
TA = +25°C
Resolution
±0.5
°C
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error, TUE
±2
%
Note 3
Differential Nonlinearity, DNL
±1
LSB
Power Supply Sensitivity
±1
%/V
Total Monitoring Cycle Time
311
331
µs
+25
°C ≤ T
A
≤ +125°C (Note 4)
311
353
µs
–40
°C ≤ T
A
≤ +125°C (Note 4)
Input Resistance
100
140
200
k
ANALOG OUTPUT
Output Voltage Range
0
1.25
V
Total Unadjusted Error, TUE
±3%
IL = 2 mA
Full-Scale Error
±1
±3%
Zero Error
2
LSB
No Load
Differential Nonlinearity, DNL
±1
LSB
Integral Nonlinearity
±1
LSB
Monotonic by Design
Output Source Current
2
mA
Output Sink Current
1
mA
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±6
%
+25
°C ≤ T
A
≤ +125°C
±12
%
–40
oC
≤ T
A
≤ +125°C
Full-Scale Count
255
FAN1 and FAN2 Nominal Input RPM
8800
rpm
Divisor = 1, Fan Count = 153
(Note 5)
4400
rpm
Divisor = 2, Fan Count = 153
(Note 5)
2200
rpm
Divisor = 3, Fan Count = 153
(Note 5)
1100
rpm
Divisor = 4, Fan Count = 153
(Note 5)
Internal Clock Frequency
21.1
22.5
23.9
kHz
+25
°C ≤ T
A
≤ +125°C
19.8
22.5
25.2
kHz
–40
oC
≤ T
A
≤ +125°C
DIGITAL OUTPUT NTEST_OUT
Output High Voltage, VOH
2.4
V
IOUT = 5.0 mA,
VCC = 4.25 V–5.75 V
2.4
V
IOUT = 3.0 mA,
VCC = 2.85 V–3.45 V
Output Low Voltage, VOL
0.4
V
IOUT = –5.0 mA,
VCC = 4.25 V–5.75 V
0.4
V
IOUT = –3.0 mA,
VCC = 2.85 V–3.45 V
OPEN-DRAIN DIGITAL OUTPUTS
(
INT, RESET, CI)
Output Low Voltage, VOL
0.4
V
IOUT = –5.0 mA, VCC = 5.75 V
0.4
V
IOUT = –3.0 mA, VCC = 3.45 V
High Level Output Current, IOH
0.1
100
µAV
OUT = VCC
RESET and CI Pulsewidth
20
45
ms
(TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted)


Similar Part No. - ADM9240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU AD-ADM9240ARU Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
More results

Similar Description - ADM9240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com