Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

495025 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # 495025
Description  18 AWG ??Dual Shielded ??RG-6/U Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

495025 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  495025 Datasheet HTML 1Page - General Cable Technologies Corporation 495025 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
K 06/14/11
Revise print legend & attn / GT
J
01/18/11
Chg spec from UL to ETL / GT
I
03/11/10
Update specs and chg print from HHT to GCC
/ GT
H 11/26/08
Change jacket wall thickness and OD - ALT
G 11/28/05
Update to Helix/Hitemp –General Cable - TS
Title:
495025
F
6/8/04
Update Print to ETL Listing - RZ
E
3/4/03
Change BS from 34 to 36 - RZ
Description:
18 AWG – Dual Shielded – RG-6/U Type
SD-Precision Video Coaxial cable
D 02/03/03
Edit SRL, BS, add p/n, Print & Format / GT
C
01/08/02
Change BS from 36 to 34 / GT
Eng Approval:
G.T.
B
12/06/01
Edit SRL / GT
Mktg Approval:
A 06/20/01
Initial Release
Final Approval:
PAGE 2 of 2
General Cable. reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document.
9.0
Attenuation: (Nom.)
Frequency (MHz)
dB/100 ft.
1
0.24
3.58
0.45
5
0.55
10
0.75
67.5
1.74
71.5
1.78
100
2.10
135
2.40
200
2.86
270
3.40
360
4.00
540
5.20
720
6.30
900
7.48
1000
7.90
1450
10.22
1800
11.84
2000
12.58
2250
13.80
3000
16.30
10.0
Temp. & Voltage Ratings: -10°C to +75°C / 300 Volts Max.
11.0
Cable Weight:
36.0 lbs/kft Nom.
C.
Agencies Approvals:
UL- Standard 13 and NEC Article 725 Type CL2P (ETL)
UL/CSA - Standard 444 and NEC Article 800 Type CMP c(ETL)us
D.
Flame Rating:
Approved for Plenum Use without Conduit per NEC Article 725 & 800
by Passing NFPA-262 Steiner Tunnel Flame Test and CSA FT6
E.
Compliance:
RoHS Compliant
TABLE -1-
Part Number
Jacket Color*
PUT-UPS
495025.41.86
Natural
1000FT/REEL
* Available in All Colors, Consult Factory


Similar Part No. - 495025

ManufacturerPart #DatasheetDescription
logo
Littelfuse
495025 LITTELFUSE-495025 Datasheet
65Kb / 1P
   JCASE Cartridge Fuse
More results

Similar Description - 495025

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
495036 GENERAL-495036 Datasheet
59Kb / 2P
   18 AWG - 75 Ohm - RG-6/U Type Plenum Coaxial Cable
C8029 GENERAL-C8029 Datasheet
36Kb / 2P
   RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8027 GENERAL-C8027 Datasheet
35Kb / 2P
   RG 59/U Type Coaxial & 2/C 18 AWG Shielded Siamese CCTV - Cable
C8031 GENERAL-C8031 Datasheet
36Kb / 2P
   RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
logo
List of Unclassifed Man...
1695A ETC2-1695A Datasheet
107Kb / 4P
   RG-6/U type, 18 AWG solid .040 bare copper conductor, plenum, foam FEP insulation
logo
General Cable Technolog...
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
logo
List of Unclassifed Man...
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
logo
General Cable Technolog...
C8024 GENERAL-C8024 Datasheet
35Kb / 1P
   RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
logo
List of Unclassifed Man...
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com