Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081D-MU Datasheet(PDF) 6 Page - Analog Devices

Part # AT45DB081D-MU
Description  8-megabit 2.5V or 2.7V DataFlash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D-MU Datasheet(HTML) 6 Page - Analog Devices

Back Button AT45DB081D-MU Datasheet HTML 2Page - Analog Devices AT45DB081D-MU Datasheet HTML 3Page - Analog Devices AT45DB081D-MU Datasheet HTML 4Page - Analog Devices AT45DB081D-MU Datasheet HTML 5Page - Analog Devices AT45DB081D-MU Datasheet HTML 6Page - Analog Devices AT45DB081D-MU Datasheet HTML 7Page - Analog Devices AT45DB081D-MU Datasheet HTML 8Page - Analog Devices AT45DB081D-MU Datasheet HTML 9Page - Analog Devices AT45DB081D-MU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
3596O–DFLASH–1/2013
AT45DB081D
Continuous Array Read, the device will continue reading at the beginning of the next page with
no delays incurred during the page boundary crossover (the crossover from the end of one page
to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with cross-
ing over page boundaries, no delays will be incurred when wrapping around from the end of the
array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output
pin (SO). The maximum SCK frequency allowable for the Continuous Array Read is defined by
the fCAR1 specification. The Continuous Array Read bypasses both data buffers and leaves the
contents of the buffers unchanged.
6.2
Continuous Array Read (High Frequency Mode: 0BH): Up to 66MHz
This command can be used with the serial interface to read the main memory array sequentially
in high speed mode for any clock frequency up to the maximum specified by fCAR1. To perform a
continuous read array with the page size set to 264-bytes, the CS must first be asserted then an
opcode 0BH must be clocked into the device followed by three address bytes and a dummy
byte. The first 12 bits (PA11 - PA0) of the 21-bit address sequence specify which page of the
main memory array to read, and the last nine bits (BA8 - BA0) of the 21-bit address sequence
specify the starting byte address within the page. To perform a continuous read with the page
size set to 256-bytes, the opcode, 0BH, must be clocked into the device followed by three
address bytes (A19 - A0) and a dummy byte. Following the dummy byte, additional clock pulses
on the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the read-
ing of data. When the end of a page in the main memory is reached during a Continuous Array
Read, the device will continue reading at the beginning of the next page with no delays incurred
during the page boundary crossover (the crossover from the end of one page to the beginning of
the next page). When the last bit in the main memory array has been read, the device will con-
tinue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array. A low-to-high transition on the CS pin will terminate the read operation
and tri-state the output pin (SO). The maximum SCK frequency allowable for the Continuous
Array Read is defined by the fCAR1 specification. The Continuous Array Read bypasses both
data buffers and leaves the contents of the buffers unchanged.
6.3
Continuous Array Read (Low Frequency Mode: 03H): Up to 33MHz
This command can be used with the serial interface to read the main memory array sequentially
without a dummy byte up to maximum frequencies specified by fCAR2. To perform a continuous
read array with the page size set to 264-bytes, the CS must first be asserted then an opcode,
03H, must be clocked into the device followed by three address bytes (which comprise the 24-bit
page and byte address sequence). The first 12 bits (PA11 - PA0) of the 21-bit address sequence
specify which page of the main memory array to read, and the last nine bits (BA8 - BA0) of the
21-bit address sequence specify the starting byte address within the page. To perform a contin-
uous read with the page size set to 256-bytes, the opcode, 03H, must be clocked into the device
followed by three address bytes (A19 - A0). Following the address bytes, additional clock pulses
on the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the read-
ing of data. When the end of a page in the main memory is reached during a Continuous Array
Read, the device will continue reading at the beginning of the next page with no delays incurred


Similar Part No. - AT45DB081D-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D-MU ATMEL-AT45DB081D-MU Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU ATMEL-AT45DB081D-MU Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU ATMEL-AT45DB081D-MU Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU-2.5 ATMEL-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU-2.5 ATMEL-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB081D-MU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
logo
ATMEL Corporation
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com