Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1038DI-1 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1038DI-1
Description  EZBuck??6 A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1038DI-1 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1038DI-1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1038DI-1 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 1.0 September 2011
www.aosmd.com
Page 1 of 13
AOZ1038DI-1
EZBuck™ 6 A Synchronous Buck Regulator
General Description
The AOZ1038DI-1 is a high efficiency, easy to use, 6 A
synchronous buck regulator. The AOZ1038DI-1 works
from a 4.5 V to 18 V input voltage range, and provides up
to 6 A of continuous output current with an output voltage
adjustable down to 0.8 V.
The AOZ1038DI-1 comes in a DFN5x6 is rated over a
-40 °C to +85 °C operating ambient temperature range.
Features
4.5 V to 18 V operating input voltage range
Synchronous Buck: 70 mΩ internal high-side switch
and 12 mΩ internal low-side switch (at 12 V)
Up to 95% efficiency
Internal soft start
Output voltage adjustable to 0.8 V
6 A continuous output current
Cycle-by-cycle current limit
Pre-bias start-up
Short-circuit protection
Thermal shutdown
Applications
Point of load DC/DC converters
LCD TV
Set top boxes
DVD and Blu-ray players/recorders
Cable modems
Typical Application
Figure 1. 1.05 V 6 A Synchronous Buck Regulator, Fs = 450 kHz
LX
VIN
VIN = 12V
VOUT
FB
PGND
EN
COMP
AGND
C2, C3, C4
22µF
R1
R2
CC
RC
C1
22µF
L1
1µH
AOZ1038DI-1


Similar Part No. - AOZ1038DI-1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1038DI AOSMD-AOZ1038DI Datasheet
1Mb / 15P
   EZBuck 6 A Synchronous Buck Regulator
More results

Similar Description - AOZ1038DI-1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
   EZBuck??6 A Synchronous Buck Regulator
AOZ1038PI AOSMD-AOZ1038PI Datasheet
1Mb / 15P
   EZBuck 6 A Synchronous Buck Regulator
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
   EZBuck 5 A Synchronous Buck Regulator
AOZ1039DI AOSMD-AOZ1039DI Datasheet
626Kb / 13P
   EZBuck??8 A Synchronous Buck Regulator
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
   EZBuck??4 A Synchronous Buck Regulator
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
   EZBuck 4 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com