Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1052PI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ1052PI
Description  EZBuck??4A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1052PI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ1052PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Rev. 0.5 September 2012
www.aosmd.com
Page 5 of 14
AOZ1052PI
Typical Performance Characteristics
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Light Load Operation
2µs/div
Start Up to Full Load
500µs/div
Full Load Operation
2µs/div
Short Circuit Protection
5ms/div
Short Circuit Recovery
5ms/div
Vin ripple
0.5V/div
Vo ripple
0.1V/div
VLX
10V/div
IL
5A/div
Vin
5V/div
Vo
2V/div
lin
2A/div
LVX
10V/div
Vo
2V/div
IL
5A/div
VLX
10V/div
Vo
2V/div
IL
5A/div
50% to 100% Load Transient
100µs/div
Vo ripple
0.2V/div
Io
2A/div
Vin ripple
0.1V/div
Vo ripple
0.1V/div
VLX
10V/div
IL
2A/div


Similar Part No. - AOZ1052PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results

Similar Description - AOZ1052PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
   EZBuck??4A Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
   4A EZBuck??Synchronous Buck Regulator
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
   EZBuck??4A Synchronous Buck Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
AOZ1284PI AOSMD-AOZ1284PI Datasheet
494Kb / 14P
   EZBuck??4A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
   EZBuck 6A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com