Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM706TAR Datasheet(PDF) 4 Page - Analog Devices

Part # ADM706TAR
Description  3 V, Voltage Monitoring uP Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706TAR Datasheet(HTML) 4 Page - Analog Devices

  ADM706TAR Datasheet HTML 1Page - Analog Devices ADM706TAR Datasheet HTML 2Page - Analog Devices ADM706TAR Datasheet HTML 3Page - Analog Devices ADM706TAR Datasheet HTML 4Page - Analog Devices ADM706TAR Datasheet HTML 5Page - Analog Devices ADM706TAR Datasheet HTML 6Page - Analog Devices ADM706TAR Datasheet HTML 7Page - Analog Devices ADM706TAR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
–4–
ADM706P/R/S/T, ADM708R/S/T
PIN FUNCTION DESCRIPTIONS
Pin No.
Pin No.
Mnemonic
ADM706
ADM708
Function
MR
1
1
Manual Reset Input. When taken below 0.6 V a RESET is generated.
MR can be
driven from TTL, CMOS logic or from a manual reset switch as it is internally
debounced. An internal 70
µA pull-up current holds the input high when floating.
VCC
2
2
Power Supply Input.
GND
3
3
0 V. Ground reference for all signals.
PFI
4
4
Power Fail Input. PFI is the noninverting input to the Power Fail Comparator.
When PFI is less than 1.25 V, PFO goes low. If unused, PFI should be connected
to GND.
PFO
5
5
Power Fail Output.
PFO is the output from the Power Fail Comparator. It goes
low when PFI is less than 1.25 V.
WDI
6
N/A
Watchdog Input. WDI is a three level input. If WDI remains either high or low
for longer than the watchdog timeout period, the watchdog output
WDO goes
low. The timer resets with each transition at the WDI input. Either a high-to-low
or a low-to-high transition will clear the counter. The internal timer is also
cleared whenever reset is asserted. The Watchdog Timer is disabled when WDI is
left floating or connected to a three-state buffer.
NC
N/A
6
No Connect.
RESET
7 (R/S/T Only)
7
Logic Output.
RESET goes low for 200 ms when triggered. It can be triggered
either by VCC being below the reset threshold or by a low signal on the manual
reset (
MR) input. RESET will remain low whenever V
CC is below the reset
threshold. It remains low for 200 ms after VCC goes above the reset threshold or
MR goes from low to high. A watchdog timeout will not trigger RESET unless
WDO is connected to MR.
RESET
7 (P Only)
8
Logic Output. RESET is an active high output suitable for systems which use
active high RESET logic. It is the inverse of
RESET.
WDO
8
N/A
Logic Output. The Watchdog Output,
WDO, goes low if the internal watchdog
timer times out as a result of inactivity on the WDI input. It remains low until
the watchdog timer is cleared.
WDO also goes low during low line conditions.
Whenever VCC is below the reset threshold, WDO remains low. As soon as VCC
goes above the reset threshold,
WDO goes high immediately.
PIN CONFIGURATIONS
MR
VCC
GND
PFI
WDO
RESET
WDI
PFO
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM706
P
MR
VCC
GND
PFI
NC = NO CONNECT
RESET
RESET
NC
PFO
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM708
R/S/T
MR
VCC
GND
PFI
WDO
RESET
WDI
PFO
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM706
R/S/T


Similar Part No. - ADM706TAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706TAR AD-ADM706TAR Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TAR AD-ADM706TAR Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TAR-REEL AD-ADM706TAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TAR-REEL AD-ADM706TAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ AD-ADM706TARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM706TAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708ARZ-REEL AD-ADM708ARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
logo
Maxim Integrated Produc...
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
logo
ON Semiconductor
MAX707 ONSEMI-MAX707 Datasheet
95Kb / 10P
   UP Supervisory Circuits
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com