Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5122 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5122
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5122 Datasheet(HTML) 1 Page - Texas Instruments

  PCM5122 Datasheet HTML 1Page - Texas Instruments PCM5122 Datasheet HTML 2Page - Texas Instruments PCM5122 Datasheet HTML 3Page - Texas Instruments PCM5122 Datasheet HTML 4Page - Texas Instruments PCM5122 Datasheet HTML 5Page - Texas Instruments PCM5122 Datasheet HTML 6Page - Texas Instruments PCM5122 Datasheet HTML 7Page - Texas Instruments PCM5122 Datasheet HTML 8Page - Texas Instruments PCM5122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
Current
Segment
DAC
Zero Data
Detector
PLL
Clock
Charge
Pump
VCom
POR
Clock Halt
Detection
Advanced Mute Control
MCK
BCK
LRCK
CAPP
CAPM
VNEG
UVP/XSMT
LINE OUT
DOUT (I
2S)
through any
GPIO
PCM512x
MODE1
MS/MODE2
MOSI/SDA/ATT2
MC/SCL/ATT1
GPIO6/FLT
MISO/ADR1/FMT
GPIO
Power
Supply
CPVDD (3.3V)
AVDD (3.3V)
DVDD (1.8V or 3.3V)
GND
Program
RAM
Digital
Volume
Control
DIN (I
2S)
Current
Segment
DAC
SPI/I
2C
GPIO5/ATT0
GPIO4/MAST
GPIO3/AGNS
GPIO2/ADR2/DOUT
UVP/
Reset
PCM5121, PCM5122
www.ti.com
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
2VRMS DirectPath™, 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Check for Samples: PCM5121, PCM5122
1
FEATURES
Typical Performance (3.3V Power Supply)
23
Register-Selectable Audio-Processing
Parameter
PCM5122
PCM5121
Functions
SNR
112dB
106dB
Dynamic Range Control (DRC)
Dynamic Range
112dB
106dB
Equalization (EQ)
THD+N @ - 1dBFS
–93dB
–92dB
Filtering
Full Scale Output
2.1VRMS (GND center)
Market-Leading Low Out-of-Band Noise
Normal 8× Oversampling Digital Filter Latency: 20/fS
Selectable Digital-Filter Latency and
Low Latency 8× Oversampling Digital Filter Latency: 3.5/fS
Performance
Sampling Frequency
8kHz to 384kHz
No DC Blocking Capacitors Required
System Clock Multiples (fSCK): 64, 128, 192, 256, 384, 512,
768, 1024, 1152, 1536, 2048, 3072; up to 50 MHz
Integrated Negative Charge Pump
Internal Pop-Free Control For Sample-Rate
Changes Or Clock Halts
Intelligent Muting System; Soft Up or Down
Ramp and Analog Mute For 120dB Mute SNR
With Popless Operation
Figure 1. PCM512x Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two Cascade, Audio Precision are trademarks of Audio Precision.
3
DirectPath is a trademark of Texas, Instruments, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5122 TI1-PCM5122 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5122PW TI1-PCM5122PW Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5122PWR TI1-PCM5122PWR Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com