Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1083 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1083
Description  1.2 A Buck LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1083 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1083 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1083 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AOZ1083
Rev. 1.0 July 2011
www.aosmd.com
Page 2 of 12
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1083CI
-40 °C to +85 °C
SOT23-6L
Green Product
Pin Number
Pin Name
Pin Function
1
BST
Bootstrap voltage input. High side driver supply. Connected to 10 nF capacitor between
BST and LX.
2
GND
Ground.
3
FB
LED current feedback. The FB pin regulation voltage is 280 mV. Connect an external
sense resistor between the cathode of the LED string and GND to set LED current.
4
DIM
PWM dimming pin. This pin is active high.
5
VIN
Supply voltage input. Input range from 3 V to 26 V. When VIN rises above the UVLO
threshold the device starts up.
6
LX
PWM output connection to inductor.
LX
VIN
DIM
1
2
3
BST
GND
FB
SOT23-6L
(Top View)
6
5
4


Similar Part No. - AOZ1083

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1081AI AOSMD-AOZ1081AI Datasheet
1,010Kb / 16P
   EZBuck??1.8A High Efficiency
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
   1.2A Buck LED Driver
AOZ1084DI AOSMD-AOZ1084DI Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
More results

Similar Description - AOZ1083

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
   EZBuck??1.2 A Simple Buck Regulator
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
   EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
logo
Texas Instruments
TPS92360 TI-TPS92360 Datasheet
1Mb / 24P
[Old version datasheet]   TPS92360 38-V 1.2-A Single Channel LED Backlight Driver
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
   1.2A Buck LED Driver
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
   Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
   60V Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com