Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1214 Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1214
Description  EZBuck 3A??Simple Buck Regulator with Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1214 Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1214 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 15Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AOZ1214
Rev. 1.0 December 2010
www.aosmd.com
Page 11 of 16
The strategy for choosing RC and CC is to set the cross
over frequency with RC and set the compensator zero
with CC. Using selected crossover frequency, fC, to
calculate RC:
where;o
fC is desired crossover frequency,
VFB is 0.8V,
GEA is the error amplifier transconductance, which is 200x10-6
A/V, and
GCS is the current sense circuit transconductance, which is
5.64 A/V.
The compensation capacitor CC and resistor RC together
make a zero. This zero is put somewhere close to the
dominate pole fp1 but lower than 1/5 of selected
crossover frequency. CC can is selected by:
Equation above can also be simplified to:
Table 2. Recommended Parameters
An easy-to-use application software which helps to
design and simulate the compensation loop can be found
at www.aosmd.com.
Linear Regulator Design
Adjustable Output Voltage
The output voltage can be set by feeding back the output
to FB2 pin with a resistor divider network. In the
application circuit shown in Figure 1. The linear regulator
output voltage can be obtained using the following
equation:
R4 should be less than 10 kohm to avoid bias current
errors.
External NPN Pass Transistor or MOSFET
Both Transistor and MOSFET can be used as an external
follower. Some cautions must be noticed:
1. The transistor and MOSFET should be able to supply
maximum operating current for the linear regulator
supply.
2. DC current gain hFE must be large enough so that
the pass transistor and supply the maximum load
current with 30 mA with base current. However, too
big hFE may cause the LDO sensitive to current
noise, and a compromised DC current gain transistor
should be selected.
3. The total power dissipation should not be higher than
the rated value.
4. Comparing with transistor, MOSFET has lower
dropout voltage which is RDS(ON) times the output
current. But the minimum input voltage will increase
to VO plus VGS while transistor is VO plus VBE.
Linear Regulator Output Capacitor
The linear regulator requires using an output capacitor as
part of the frequency compensation network, which
affects the stability and high frequency response. The
regulator has a finite band width. For high frequency
transient loads, recovery from transient is determined by
both output capacitor and the bandwidth of the regulator.
A minimum output capacitor of 4.7 μF is recommended to
prevent oscillations and provide good transient response.
The ESR value should be maintained in the range that
determines the loop stability. When small signal ringing
Vin
VO
1.2V
3.3V
5V
12V
L = 1.5
μH–3.3μH
RC = 10KΩ
CC = 6.8nF
L = 4.7
μH–10μH
RC = 30KΩ
CC = 2.2nF
L = 6.8
μH–15μH
RC = 30KΩ
CC = 3.3nF
20V
L = 1.5
μH
RC = 10KΩ
CC = 6.8nF
L = 4.7
μH–10μH
RC = 30KΩ
CC = 2.2nF
L = 6.8uH–15
μH
RC = 30KΩ
CC = 3.3nF
R
C
f
C
V
O
V
FB
----------
2
π C
O
×
G
EA
G
CS
×
------------------------------
×
×
=
C
C
1.5
2
π R
C
f
p
1
×
×
-----------------------------------
=
C
C
C
O
R
L
×
R
C
---------------------
=
V
OUT
2
0.8
1
R
3
R
4
--------
+
⎝⎠
⎛⎞
×
=


Similar Part No. - AOZ1214

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1210-EVA AOSMD-AOZ1210-EVA Datasheet
401Kb / 5P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210AI AOSMD-AOZ1210AI Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results

Similar Description - AOZ1214

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1213 AOSMD-AOZ1213 Datasheet
648Kb / 16P
   EZBuck??3A Simple Buck Regulator with Linear Controller
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1212AI AOSMD-AOZ1212AI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com