Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1214 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ1214
Description  EZBuck 3A??Simple Buck Regulator with Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1214 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ1214 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1214 Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev. 1.0 December 2010
www.aosmd.com
Page 6 of 16
AOZ1214
Typical Performance Characteristics (Continued)
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Current Limit vs. Temp
(Vin = 12V, Vout = 3.3V, L = 6.8µH)
-45 -30 -15
0
15
30
45
60
75
90
VFB2 vs. Temp
(Vin = 12V, Vout = 3.3V, L = 6.8µH)
VFB1 vs. Temp
(Vin = 12V, Vout = 3.3V, L = 6.8µH)
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
-45 -30 -15
0
15
30
45
60
75
90
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
-45 -30 -15
0
15
30
45
60
75
90
EN1,2 vs. Vin
(oVout = 3.3V, L = 6.8µH, no load, 25°C)
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
4
6
8 10 1214 161820 2224 2628
Vin (V)
En1,2 on
En1,2 off
EN1,2 On vs. Temp
(Vout = 3.3V, L = 6.8µH)
EN1,2 Off vs. Temp
(Vout = 3.3V, L = 6.8µH)
1.0
1.5
2.0
2.5
3.0
-45 -30 -15
0
15
30
45
60
75
90
24V INPUT
12V INPUT
5V INPUT
1.0
1.5
2.0
2.5
3.0
-45 -30 -15
0
15
30
45
60
75
90
24V INPUT
12V INPUT
5V INPUT
EN1,2 Hysteresis vs Temp
(Vout = 3.3V, L = 6.8µH)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
Temperature (°C)
24V INPUT
12V INPUT
5V INPUT
LDRV Source Current vs. Temp
(VFB2 = 0.7V, LDRV = 4V)
0
5
10
15
20
25
30
35
40
-45 -30 -15
0
15
30
45
60
75
90
LDRV Output Voltage vs. Source Current
(FB2 = 0.7V, 25°C)
0
1
2
3
4
5
0
10
203040
5060
LDRV Source Current (mA)
0–1.5A
Vo Ripple
200mV/Div
Io
1A/div
200µs/div
200µs/div
Io
1A/div
Vo Ripple
200mV/Div
1.5A–3A
6.0
5.5
5.0
4.5
4.0


Similar Part No. - AOZ1214

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1210-EVA AOSMD-AOZ1210-EVA Datasheet
401Kb / 5P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210AI AOSMD-AOZ1210AI Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results

Similar Description - AOZ1214

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1213 AOSMD-AOZ1213 Datasheet
648Kb / 16P
   EZBuck??3A Simple Buck Regulator with Linear Controller
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1212AI AOSMD-AOZ1212AI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com