Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1232-01 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1232-01
Description  28V/6A Synchronous EZBuckTM Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1232-01 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1232-01 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1232-01 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AOZ1232-01
Rev. 1.3 October 2012
www.aosmd.com
Page 3 of 18
Typical Application for High Light Load Efficiency Requirement or VIN = 2.7V ~ 6.5V
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1232QI-01
-40°C to +85°C
30-Pin 5mm x 5mm QFN
Green Product
AOZ1232-01
Input
C3
100μF
R1
R3
100kΩ
R2
C2
22μF
C5
0.1μF
IN
TON
Analog Ground
Power Ground
Power Good
Off On
VCC
PGOOD
EN
SS
CSS
RTON
C4
1μF
BST
LX
FB
AGND
PGND
L1
AIN
5V
Output


Similar Part No. - AOZ1232-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1232QI-01 AOSMD-AOZ1232QI-01 Datasheet
859Kb / 18P
   28V/6A Synchronous EZBuckTM Regulator
More results

Similar Description - AOZ1232-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
   28V/6A Synchronous EZBuckTM Regulator
AOZ2152EQI-30 AOSMD-AOZ2152EQI-30 Datasheet
1Mb / 15P
   28V/6A Synchronous EZBuckTM Regulator
Rev 1.2 September 2018
AOZ2260AQI-10 AOSMD-AOZ2260AQI-10 Datasheet
2Mb / 15P
   28V/6A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2260QI-11 AOSMD-AOZ2260QI-11 Datasheet
1Mb / 16P
   28V/6A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2152LQI-30 AOSMD-AOZ2152LQI-30 Datasheet
2Mb / 15P
   28V/6A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2260AQI-15 AOSMD-AOZ2260AQI-15 Datasheet
2Mb / 15P
   28V/6A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ1232QI-01 AOSMD-AOZ1232QI-01 Datasheet
859Kb / 18P
   28V/6A Synchronous EZBuckTM Regulator
AOZ2260QI-15 AOSMD-AOZ2260QI-15 Datasheet
918Kb / 16P
   28V/6A Synchronous EZBuckTM Regulator
AOZ2236QI-01 AOSMD-AOZ2236QI-01 Datasheet
1Mb / 16P
   28V/6A Synchronous EZBuckTM Regulator
AOZ2260QI-10 AOSMD-AOZ2260QI-10 Datasheet
917Kb / 16P
   28V/6A Synchronous EZBuckTM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com